Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT2151 Datasheet (PDF) - List of Unclassifed Manufacturers

THAT2151 Datasheet PDF - List of Unclassifed Manufacturers
Part # THAT2151
Download  THAT2151 Download
File Size   144.67 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description IC Voltage-Controlled Amplifiers

THAT2151 Datasheet (PDF)

Go To PDF Page Download Datasheet
THAT2151 Datasheet PDF - List of Unclassifed Manufacturers

Part # THAT2151
Download  THAT2151 Click to download

File Size   144.67 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description IC Voltage-Controlled Amplifiers

THAT2151 Datasheet (HTML) - List of Unclassifed Manufacturers


THAT2151 Product details

• Wide Dynamic Range: >116 dB

• Wide Gain Range: >130 dB

• Exponential (dB) Gain Control

• Low Distortion: (0.008% @ 0 dB gain, 0.035% @15dB gain)

• Wide Gain-Bandwidth: 6 MHz




Similar Part No. - THAT2151

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT2180A ETC1-THAT2180A Datasheet
227Kb / 8P
Pre-Trimmed IC Voltage Controlled Amplifiers
THAT2180B ETC1-THAT2180B Datasheet
227Kb / 8P
Pre-Trimmed IC Voltage Controlled Amplifiers
THAT2180C ETC1-THAT2180C Datasheet
227Kb / 8P
Pre-Trimmed IC Voltage Controlled Amplifiers
THAT2181 ETC1-THAT2181 Datasheet
252Kb / 10P
Trimmable IC Voltage Controlled Amplifiers
THAT2181A ETC1-THAT2181A Datasheet
252Kb / 10P
Trimmable IC Voltage Controlled Amplifiers
More results


Similar Description - THAT2151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2018T AD-SSM2018T Datasheet
604Kb / 16P
Trimless Voltage Controlled Amplifiers
REV.A
logo
List of Unclassifed Man...
THAT2181 ETC1-THAT2181 Datasheet
252Kb / 10P
Trimmable IC Voltage Controlled Amplifiers
THAT2180A ETC1-THAT2180A Datasheet
227Kb / 8P
Pre-Trimmed IC Voltage Controlled Amplifiers
D6002 ETC1-D6002 Datasheet
121Kb / 6P
RADIO CONTROLLED RECEIVER IC
logo
Analog Devices
SSM2018P AD-SSM2018P Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. B
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. B
SSM2018T AD-SSM2018T_15 Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
SSM2118T AD-SSM2118T_15 Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
logo
M-System Co.,Ltd.
20VS202 MSYSTEM-20VS202 Datasheet
162Kb / 5P
Hybrid IC Isolation Amplifiers 20 Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com