Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT2181 Datasheet (PDF) - List of Unclassifed Manufacturers

THAT2181 Datasheet PDF - List of Unclassifed Manufacturers
Part # THAT2181
Download  THAT2181 Download
File Size   252.51 Kbytes
Page   10 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Trimmable IC Voltage Controlled Amplifiers

THAT2181 Datasheet (PDF)

Go To PDF Page Download Datasheet
THAT2181 Datasheet PDF - List of Unclassifed Manufacturers

Part # THAT2181
Download  THAT2181 Click to download

File Size   252.51 Kbytes
Page   10 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Trimmable IC Voltage Controlled Amplifiers

THAT2181 Datasheet (HTML) - List of Unclassifed Manufacturers


THAT2181 Product details

[THAT-Corporation]

Description
THAT 2181 Series integrated-circuit voltage controlled amplifiers (VCAs) are very high-performance current-in/current-out devices with two opposing-polarity, voltage-sensitive control ports. They offer wide-range exponential control of gain and attenuation with low signal distortion. The parts are selected after packaging based primarily on after-trim THD and control-voltage feedthrough performance.

FEATURES
 • Wide Dynamic Range: >120 dB
 • Wide Gain Range: >130 dB
 • Exponential (dB) Gain Control
 • Low Distortion:
    ~0.0025% (typical 2181A)
    ~0.005% (typical 2181C)
 • Wide Gain-Bandwidth: 20 MHz
 • Dual Gain-Control Ports (pos/neg)
 • Pin-Compatible with 2150-Series

APPLICATIONS
 • Faders
 • Panners
 • Compressors
 • Expanders
 • Equalizers
 • Filters
 • Oscillators
 • Automation Systems




Similar Part No. - THAT2181

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT2180A ETC1-THAT2180A Datasheet
227Kb / 8P
Pre-Trimmed IC Voltage Controlled Amplifiers
THAT2180B ETC1-THAT2180B Datasheet
227Kb / 8P
Pre-Trimmed IC Voltage Controlled Amplifiers
THAT2180C ETC1-THAT2180C Datasheet
227Kb / 8P
Pre-Trimmed IC Voltage Controlled Amplifiers
More results


Similar Description - THAT2181

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2018T AD-SSM2018T Datasheet
604Kb / 16P
Trimless Voltage Controlled Amplifiers
REV.A
logo
List of Unclassifed Man...
THAT2151 ETC-THAT2151 Datasheet
144Kb / 10P
IC Voltage-Controlled Amplifiers
THAT2180A ETC1-THAT2180A Datasheet
227Kb / 8P
Pre-Trimmed IC Voltage Controlled Amplifiers
RK73N ETC2-RK73N Datasheet
214Kb / 2P
TRIMMABLE CHIP
logo
Analog Devices
SSM2018P AD-SSM2018P Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. B
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. B
SSM2018T AD-SSM2018T_15 Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
SSM2118T AD-SSM2118T_15 Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
logo
YAGEO Corporation
TR0402KR-071R YAGEO-TR0402KR-071R Datasheet
426Kb / 8P
TRIMMABLE CHIP RESISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com