Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT2181A Datasheet (PDF) - THAT Corporation All rights reserved.

THAT2181A Datasheet PDF - THAT Corporation All rights reserved.
Part # THAT2181A
Download  THAT2181A Download
File Size   346.54 Kbytes
Page   12 Pages
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.
Description Blackmer® Trimmable IC Voltage Controlled Amplifiers

THAT2181A Datasheet (PDF)

Go To PDF Page Download Datasheet
THAT2181A Datasheet PDF - THAT Corporation All rights reserved.

Part # THAT2181A
Download  THAT2181A Click to download

File Size   346.54 Kbytes
Page   12 Pages
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.
Description Blackmer® Trimmable IC Voltage Controlled Amplifiers

THAT2181A Datasheet (HTML) - THAT Corporation All rights reserved.


THAT2181A Product details

FEATURES
• Wide Dynamic Range: >120 dB
• Wide Gain Range: >130 dB
• Exponential (dB) Gain Control
• Low Distortion:
~ 0.0025 % (typical 2181A)
~ 0.005 % (typical 2181C)
• Wide Gain-Bandwidth: 20 MHz
• Dual Gain-Control Ports (pos/neg)
• Pin-Compatible with 2150-Series
APPLICATIONS
• Faders
• Panners
• Compressors
• Expanders
• Equalizers
• Filters
• Oscillators
• Automation Systems
Description
THAT 2181 Series integrated-circuit voltage
controlled amplifiers (VCAs) are very highperformance
current-in/current-out devices with
two opposing-polarity, voltage-sensitive control
ports. They offer wide-range exponential control
of gain and attenuation with low signal distortion.
The parts are selected after packaging based
primarily on after-trim THD and control-voltage
feedthrough performance.
The VCA design takes advantage of a fully
complementary dielectric isolation process which
offers closely matched NPN/PNP pairs. This delivers
performance unobtainable through any
conventional process, integrated or discrete. The
parts are available in three grades, allowing the
user to optimize cost vs. performance. Both 8-pin
single-in-line (SIP) and surface mount (SO)
packages are available.




Similar Part No. - THAT2181A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT2181A ETC1-THAT2181A Datasheet
252Kb / 10P
Trimmable IC Voltage Controlled Amplifiers
More results


Similar Description - THAT2181A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2018T AD-SSM2018T Datasheet
604Kb / 16P
Trimless Voltage Controlled Amplifiers
REV.A
logo
List of Unclassifed Man...
THAT2151 ETC-THAT2151 Datasheet
144Kb / 10P
IC Voltage-Controlled Amplifiers
THAT2181 ETC1-THAT2181 Datasheet
252Kb / 10P
Trimmable IC Voltage Controlled Amplifiers
THAT2180A ETC1-THAT2180A Datasheet
227Kb / 8P
Pre-Trimmed IC Voltage Controlled Amplifiers
logo
Analog Devices
SSM2018P AD-SSM2018P Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. B
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. B
SSM2018T AD-SSM2018T_15 Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
SSM2118T AD-SSM2118T_15 Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
logo
YAGEO Corporation
TR0402KR-071R YAGEO-TR0402KR-071R Datasheet
426Kb / 8P
TRIMMABLE CHIP RESISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com