Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT2181A Datasheet(PDF) 5 Page - THAT Corporation All rights reserved.

Part # THAT2181A
Description  Blackmer® Trimmable IC Voltage Controlled Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT2181A Datasheet(HTML) 5 Page - THAT Corporation All rights reserved.

  THAT2181A Datasheet HTML 1Page - THAT Corporation All rights reserved. THAT2181A Datasheet HTML 2Page - THAT Corporation All rights reserved. THAT2181A Datasheet HTML 3Page - THAT Corporation All rights reserved. THAT2181A Datasheet HTML 4Page - THAT Corporation All rights reserved. THAT2181A Datasheet HTML 5Page - THAT Corporation All rights reserved. THAT2181A Datasheet HTML 6Page - THAT Corporation All rights reserved. THAT2181A Datasheet HTML 7Page - THAT Corporation All rights reserved. THAT2181A Datasheet HTML 8Page - THAT Corporation All rights reserved. THAT2181A Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
negative control port. Because of the exponential
characteristic, the control voltage sets gain linearly
in decibels. Figure 6 shows the decibel current gain
of a 2181 versus the voltage at Ec+, while Figure 7
shows gain versus the Ec-.
Temperature Effects
The logging and antilogging in the VCA depends
on the logarithmic relationship between voltage and
current in a semiconductor junction (in particular,
between a transistor's Vbe and IC). As is well known,
this relationship is temperature dependent. There-
fore, the gain of any log-antilog VCA depends on its
temperature.
Figure 8 shows the effect of temperature on the
negative control port. (The positive control port
behaves in the same manner.) Note that the gain at
Ec = 0 V is 0 dB, regardless of temperature. Chang-
ing temperature changes the scale factor of the gain
by 0.33%/°C, which pivots the curve about the 0 dB
point.
Mathematically, the 2181's gain characteristic is
,
Eq. 1
Gain
=
EC+ − EC−
(0.0061)(1+0.0033 T)
where ∆T is the difference between room
temperature (25°C) and the actual temperature, and
Gain is the gain in decibels. At room temperature,
this reduces to
,
Eq. 2
Gain
=
EC+ − EC−
0.0061
If only the positive control port is used, this
becomes
,
Eq. 3
Gain
=
EC+
0.0061
If only the negative control port is used, this
becomes
,
Eq. 4
Gain
=
EC−
0.0061
DC Bias Currents
The 2181 current consumption is determined by
the resistor between pin 5 (V-) and the negative
supply voltage (VEE). Typically, with 15V supplies, the
resistor is 5.1 kΩ, which provides approximately
2.4 mA. This current is split into two paths: 570 μA
is used for biasing the IC, and the remainder
becomes ICELL as shown in Figure 5. ICELL is furth
er split in two parts: about 20 μA biases the core
transistors (Q1 through Q4), the rest is available for
input and output signal current.
Trimming
The 2181-Series VCAs are intended to be
adjusted for minimum distortion by applying a small
variable offset voltage to pin 4, the SYM pin. Note
that there is a 25 Ω resistor internal to the 2181
between pin 4 and pin 2. As shown in Figure 2,
Page 3, the usual method of applying this offset is to
use the internal 25 Ω resistor along with a larger
value resistor to form a voltage divider connected to
the wiper of a trim pot across the supply rails.
This trim should be adjusted for minimum
harmonic distortion. This is usually done by applying
a middle-level, middle-frequency signal (e.g. 1 kHz at
1 V) to the audio input, setting the VCA to 0 dB gain,
and adjusting the SYM trim while observing THD at
the output. In the 2181, this adjustment coincides
closely with the setting which produces minimum
control-voltage feedthrough, though the two settings
are not always identical.
DC Feedthrough
Normally, a small dc error term flows in pin 8
(the output). When the gain is changed, the dc term
changes. This control-voltage feedthrough is more
pronounced with gain; the –A version of the part
produces the least feedthrough, the –C version the
most. See Figure 9 for typical curves for dc offset vs.
gain
Audio Performance
The 2181-Series VCA design, fabrication and
testing ensure extremely good audio performance
when used as recommended. The 2181 maintains
low distortion over a wide range of gain, cut and
signal levels. Figures 10 through 12 show typical
distortion performance for representative samples of
each grade of the part. At or near unity gain, the
2181 behaves much like a good opamp, with low
distortion over the entire audio band. Figure
13
shows typical THD for a 2181A over frequency at 0
dB gain, with a 1 V input signal, while Figure 14
details the harmonic content of the distortion in a
typical A–grade part.
THAT 2181 Series
Page 5 of 12
Document 600030 Rev 02
Blackmer® Trimmable IC VCAs
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2008, THAT Corporation
Figure 9. Representative DC Offset vs. Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com