Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8103 Datasheet (PDF) - Toshiba Semiconductor

TPC8103 Datasheet PDF - Toshiba Semiconductor
Part # TPC8103
Download  TPC8103 Download
File Size   292.42 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR SILICON P CHANNEL MOS TYPE

TPC8103 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC8103 Datasheet PDF - Toshiba Semiconductor

Part # TPC8103
Download  TPC8103 Click to download

File Size   292.42 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR SILICON P CHANNEL MOS TYPE

TPC8103 Datasheet (HTML) - Toshiba Semiconductor


TPC8103 Product details

Lithium Ion Battery Applications
Portable Equipment Applications
Notebook PCs

• Small footprint due to small and thin package
• Low drain-source ON resistance: RDS (ON) = 9.5 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 20 S (typ.)
• Low leakage current: IDSS = −10 µA (max) (VDS = −30 V)
• Enhancement-mode: Vth = −0.8~−2.0 V (VDS = −10 V, ID = −1 mA)




Similar Part No. - TPC8103

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TPC8103 VBSEMI-TPC8103 Datasheet
996Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - TPC8103

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6102 TOSHIBA-TPC6102 Datasheet
93Kb / 2P
FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE
TPC8106-H TOSHIBA-TPC8106-H Datasheet
512Kb / 7P
SILICON P CHANNEL MOS TYPE
TPC8109 TOSHIBA-TPC8109 Datasheet
240Kb / 4P
FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE
SSM6J07FU TOSHIBA-SSM6J07FU Datasheet
146Kb / 5P
TOSHIBA Transistor Silicon P Channel MOS Type
2SJ680 TOSHIBA-2SJ680 Datasheet
219Kb / 5P
Field Effect Transistor Silicon P-Channel MOS Type (π-MOS V)
24-Dec-2004
2SJ168 TOSHIBA-2SJ168_07 Datasheet
557Kb / 5P
Silicon P Channel MOS Type
2SJ347 TOSHIBA-2SJ347_07 Datasheet
556Kb / 5P
Silicon P Channel MOS Type
logo
Guangdong Kexin Industr...
KPCF8402 KEXIN-KPCF8402 Datasheet
96Kb / 3P
Silicon P, N Channel MOS Type Transistor
logo
Toshiba Semiconductor
SSM3J130TU TOSHIBA-SSM3J130TU Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCC8102 TOSHIBA-TPCC8102 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com