Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF900R12IP4P Datasheet (PDF) - Infineon Technologies AG

FF900R12IP4P Datasheet PDF - Infineon Technologies AG
Part # FF900R12IP4P
Download  FF900R12IP4P Download
File Size   641.11 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode

FF900R12IP4P Datasheet (PDF)

Go To PDF Page Download Datasheet
FF900R12IP4P Datasheet PDF - Infineon Technologies AG

Part # FF900R12IP4P
Download  FF900R12IP4P Click to download

File Size   641.11 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode

FF900R12IP4P Datasheet (HTML) - Infineon Technologies AG


FF900R12IP4P Product details

ElectricalFeatures
• High short-circuit capability
• High surge current capability
• High current density
• Tvjop = 150°C
• VCEsat with positive temperature coefficient

MechanicalFeatures
• 4 kV AC 1min insulation
• Package with CTI > 400
• High creepage and clearance distances
• Integrated NTC temperature sensor
• RoHS compliant
• Pre-applied Thermal Interface Material

Typical Applications
• High Power Converters
• Motor Drives
• Wind Turbines




Similar Part No. - FF900R12IP4P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF900R12IP4 INFINEON-FF900R12IP4 Datasheet
1Mb / 9P
PrimePACK2 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-08-13 revision:2.4
FF900R12IP4 INFINEON-FF900R12IP4 Datasheet
1Mb / 9P
PrimePACK2 Modul mit Trench
2013-11-05 revision:2.4
FF900R12IP4 INFINEON-FF900R12IP4 Datasheet
1Mb / 30P
E v a l u a t i o n D r i v e r B o a r d f o r 1 2 0 0 V PrimePACK™
2008-05 V1.0
FF900R12IP4D INFINEON-FF900R12IP4D Datasheet
1Mb / 9P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4, gr철횩erer Emitter Controlled 4 Diode und NTC
2009-08-24 revision:2.4
FF900R12IP4D INFINEON-FF900R12IP4D Datasheet
1Mb / 30P
E v a l u a t i o n D r i v e r B o a r d f o r 1 2 0 0 V PrimePACK™
2008-05 V1.0
More results


Similar Description - FF900R12IP4P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF1400R17IP4P INFINEON-FF1400R17IP4P Datasheet
631Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-07 revision:V2.0
FF1400R12IP4P INFINEON-FF1400R12IP4P Datasheet
643Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-30 revision:V3.1
FF1000R17IE4P INFINEON-FF1000R17IE4P Datasheet
620Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-08 revision:V3.1
FF1000R17IE4DP_B2 INFINEON-FF1000R17IE4DP_B2 Datasheet
627Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-29 revision:V2.0
FF900R12IE4P INFINEON-FF900R12IE4P Datasheet
641Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-31 revision:V2.0
FF650R17IE4P INFINEON-FF650R17IE4P Datasheet
617Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-17 revision:V2.0
FF650R17IE4DP_B2 INFINEON-FF650R17IE4DP_B2 Datasheet
621Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-29 revision:V2.0
FF600R12IE4V INFINEON-FF600R12IE4V Datasheet
1Mb / 9P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode und NTC
2013-11-26 revision:2.0
FF900R12IE4V INFINEON-FF900R12IE4V Datasheet
1Mb / 9P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode und NTC
2013-11-26 revision:2.0
FF900R12IE4VP INFINEON-FF900R12IE4VP Datasheet
640Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-08-23 revision:V3.0
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com