Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA862TD Datasheet (PDF) - NEC

UPA862TD Datasheet PDF - NEC
Part # UPA862TD
Download  UPA862TD Download
File Size   135.07 Kbytes
Page   11 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs NPN SILICON RF TWIN TRANSISTOR

UPA862TD Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA862TD Datasheet PDF - NEC

Part # UPA862TD
Download  UPA862TD Click to download

File Size   135.07 Kbytes
Page   11 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs NPN SILICON RF TWIN TRANSISTOR

UPA862TD Datasheet (HTML) - NEC


UPA862TD Product details

DESCRIPTION
NECs UPA862TD contains one NE851 and one NE685 NPN high frequency silicon bipolar chip. The NE851 is an excellent oscillator chip, featuring low 1/f noise and high immunity to pushing effects. The NE685 is an excellent buffer transistor, featuring low noise and high gain. NECs new ultra small TD package is ideal for all portable wireless applications where reducing board space is a prime consideration. Each transistor chip is independently mounted and easily configured for oscillator/buffer amplifier and other applications.

FEATURES
• LOW VOLTAGE, LOW CURRENT OPERATION
• SMALL PACKAGE OUTLINE:
   1.2 mm x 0.8 mm
• LOW HEIGHT PROFILE:
   Just 0.50 mm high
• TWO DIFFERENT DIE TYPES:
   Q1 - Ideal buffer amplifier transistor
   Q2 - Ideal oscillator transistor
• IDEAL FOR 1-2 GHz OSCILLATORS




Similar Part No. - UPA862TD

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPA862TD CEL-UPA862TD Datasheet
291Kb / 12P
NPN SILICON RF TWIN TRANSISTOR
logo
Renesas Technology Corp
UPA862TD RENESAS-UPA862TD Datasheet
254Kb / 20P
NPN Silicon RF Twin Transistor with 2 Different Elements
UPA862TD-A RENESAS-UPA862TD-A Datasheet
254Kb / 20P
NPN Silicon RF Twin Transistor with 2 Different Elements
UPA862TD-T3 RENESAS-UPA862TD-T3 Datasheet
254Kb / 20P
NPN Silicon RF Twin Transistor with 2 Different Elements
logo
California Eastern Labs
UPA862TD-T3-A CEL-UPA862TD-T3-A Datasheet
291Kb / 12P
NPN SILICON RF TWIN TRANSISTOR
More results


Similar Description - UPA862TD

ManufacturerPart #DatasheetDescription
logo
NEC
UPA861TD NEC-UPA861TD Datasheet
129Kb / 10P
NECs NPN SILICON RF TWIN TRANSISTOR
logo
Infineon Technologies A...
BFS469L6 INFINEON-BFS469L6 Datasheet
59Kb / 8P
NPN Silicon RF TWIN Transistor
2005-10-11
logo
California Eastern Labs
UPA862TD CEL-UPA862TD Datasheet
291Kb / 12P
NPN SILICON RF TWIN TRANSISTOR
UPA895TD CEL-UPA895TD Datasheet
271Kb / 11P
NPN SILICON RF TWIN TRANSISTOR
logo
Infineon Technologies A...
BFS466L6 INFINEON-BFS466L6_07 Datasheet
121Kb / 8P
NPN Silicon RF TWIN Transistor
2007-04-26
logo
Renesas Technology Corp
UPA810TC RENESAS-UPA810TC Datasheet
194Kb / 14P
NPN SILICON RF TWIN TRANSISTOR
1999
UPA828TD RENESAS-UPA828TD Datasheet
303Kb / 10P
NPN SILICON RF TWIN TRANSISTOR
2008
UPA873TS RENESAS-UPA873TS Datasheet
206Kb / 9P
NPN SILICON RF TWIN TRANSISTOR
2003
UPA892TD RENESAS-UPA892TD Datasheet
266Kb / 18P
NPN SILICON RF TWIN TRANSISTOR
2001
UPA895TS RENESAS-UPA895TS Datasheet
206Kb / 9P
NPN SILICON RF TWIN TRANSISTOR
2003
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com