Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR280 Datasheet (PDF) - Analog Devices

ADR280 Datasheet PDF - Analog Devices
Part # ADR280
Download  ADR280 Download
File Size   498.89 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2 V Ultralow Power High PSRR Voltage Reference

ADR280 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR280 Datasheet PDF - Analog Devices

Part # ADR280
Download  ADR280 Click to download

File Size   498.89 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2 V Ultralow Power High PSRR Voltage Reference

ADR280 Datasheet (HTML) - Analog Devices


ADR280 Product details

GENERAL DESCRIPTION
The ADR280 is a 1.2 V band gap core reference with excellent line regulation and power supply rejection designed specifically for applications experiencing heavy dynamic supply variations, such as data converter references in GSM, GPRS, and 3G mobile station applications. Devices such as the AD6535 that have an analog baseband IC with on-board baseband, audio codecs, voltage regulators, and battery chargers rely on the ability of the ADR280 to reject input battery voltage variations during RF power amplifier activity.

FEATURES
   1.2 V precision output
   Excellent line regulation: 2 ppm/V typical
   High power supply ripple rejection: –80 dB at 220 Hz
   Ultralow power supply current: 16 μA maximum
   Temperature coefficient: 40 ppm/°C maximum
   Low noise, 12.5 nV/√Hz typical
   Operating supply range, 2.4 V to 5.5 V
   Compact 3-lead SOT-23 and SC70 packages

APPLICATIONS
   List GSM, GPRS, 3G mobile stations
   Portable battery-operated electronics
   Low voltage converter references
   Wireless devices




Similar Part No. - ADR280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR280AKS-R2 AD-ADR280AKS-R2 Datasheet
849Kb / 12P
1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
ADR280AKS-REEL AD-ADR280AKS-REEL Datasheet
849Kb / 12P
1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
ADR280AKS-REEL7 AD-ADR280AKS-REEL7 Datasheet
849Kb / 12P
1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
ADR280AKSZ-R21 AD-ADR280AKSZ-R21 Datasheet
849Kb / 12P
1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
ADR280AKSZ-REEL71 AD-ADR280AKSZ-REEL71 Datasheet
849Kb / 12P
1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
More results


Similar Description - ADR280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR512 AD-ADR512 Datasheet
208Kb / 8P
1.2 V Precision Low Noise Shunt Voltage Reference
REV.0
ADR280 AD-ADR280_07 Datasheet
849Kb / 12P
1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR512ARTZ-REEL7 AD-ADR512ARTZ-REEL7 Datasheet
282Kb / 12P
1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
ADR280 AD-ADR280_15 Datasheet
849Kb / 12P
1.2 V Ultralow Power High PSRR Voltage Reference
REV. C
ADR512 AD-ADR512_15 Datasheet
282Kb / 12P
1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
ADCMP380 AD-ADCMP380 Datasheet
271Kb / 10P
Ultralow Power Voltage Comparator with Reference
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com