Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR280 Datasheet(PDF) 3 Page - Analog Devices

Part # ADR280
Description  1.2 V Ultralow Power High PSRR Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR280 Datasheet(HTML) 3 Page - Analog Devices

  ADR280 Datasheet HTML 1Page - Analog Devices ADR280 Datasheet HTML 2Page - Analog Devices ADR280 Datasheet HTML 3Page - Analog Devices ADR280 Datasheet HTML 4Page - Analog Devices ADR280 Datasheet HTML 5Page - Analog Devices ADR280 Datasheet HTML 6Page - Analog Devices ADR280 Datasheet HTML 7Page - Analog Devices ADR280 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
–2–
ADR280–SPECIFICATIONS
–3–
Typical Performance Characteristics–ADR280
TEMPERATURE (C)
1.20225
–40
100
–20
0
20
40
60
80
NO LOAD
1.20200
1.20175
1.20150
1.20125
1.20100
1.20075
1.20050
1.20025
1.20000
TPC 1. VOUT vs.Temperature
TEMPERATURE (C)
–40
100
–20
0
20
40
60
80
VIN = 5V
15
14
13
12
11
10
9
VIN = 3V
TPC 2. Supply Current vs.Temperature
TEMPERATURE (C)
15
–15
–40
100
–20
0
20
40
60
80
–10
–5
0
5
10
3V TO 5V
TPC 3. Line Regulation vs.Temperature
Ch1 50.0V
M 1.00 s
1
TPC 4. Noise Voltage Peak-to-Peak 10 Hz to 10 kHz
–100
–80
–60
–40
10.0
7.5
5.0
2.5
0
FREQUENCY (kHz)
TPC 5. Output Noise Density Plot
(VIN = 3.6 V, COUT = 1 µF, CIN = 1 µF)
10dB/DIV
–40dB
0Hz
100kHz
TPC 6. Voltage Noise Density 0 Hz to 100 kHz
REV. A
REV. A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com