Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US79 Datasheet (PDF) - List of Unclassifed Manufacturers

US79 Datasheet PDF - List of Unclassifed Manufacturers
Part # US79
Download  US79 Download
File Size   47.42 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CMOS Power Hall IC

US79 Datasheet (PDF)

Go To PDF Page Download Datasheet
US79 Datasheet PDF - List of Unclassifed Manufacturers

Part # US79
Download  US79 Click to download

File Size   47.42 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CMOS Power Hall IC

US79 Datasheet (HTML) - List of Unclassifed Manufacturers


US79 Product details

[Melexis]

Description
The US79KUA is the most advanced Smart Fan Control Hall IC. It is designed for 5V and 12V cooling commutation. The chip contains many features to allow survival in a harsh environment. The IC was designed to eliminate all discrete components such as capacitors, resistors, transistors, diodes, PC board and associated labor, replacing US$0.25 to US$0.35 in direct cost.

Features and Benefits
    ESD Tolerance IC>7,000V
    ESD Tolerance of Fan >15,000V
    Built-in Reverse Voltage Protection
    Built-in RFI Filter
    Power Efficient CMOS and Power MOSFET Drivers allow 400mA without overheating
    Built-in Zener Diodes Protect Outputs
    Eliminates all Fan Components
    Eliminate PC Board
    5V and 12V Operation
    High Sensitivity for switching symmetry
    Locked Rotor Shutdown

Applications
    Fan Sizes up to 90mm
    Current Range up to 400mA




Similar Part No. - US79

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US79 MELEXIS-US79 Datasheet
146Kb / 9P
CMOS Power Hall IC
US79KUA MELEXIS-US79KUA Datasheet
146Kb / 9P
CMOS Power Hall IC
US79 MELEXIS-US79_14 Datasheet
346Kb / 9P
CMOS Power Hall IC
More results


Similar Description - US79

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US79 MELEXIS-US79 Datasheet
146Kb / 9P
CMOS Power Hall IC
logo
Seiko Instruments Inc
S-5711A SII-S-5711A Datasheet
334Kb / 26P
HALL IC
logo
Melexis Microelectronic...
US79 MELEXIS-US79_14 Datasheet
346Kb / 9P
CMOS Power Hall IC
logo
Torex Semiconductor
XC3202B-12 TOREX-XC3202B-12 Datasheet
202Kb / 9P
Low Power Consumption Hall IC
XC3202B TOREX-XC3202B_15 Datasheet
202Kb / 9P
Low Power Consumption Hall IC
logo
Shaoxing Devechip Micro...
SDC177 SDC-SDC177 Datasheet
315Kb / 8P
Switch Hall IC
SDC277 SDC-SDC277 Datasheet
252Kb / 8P
Switch Hall IC
SDC686 SDC-SDC686 Datasheet
273Kb / 8P
Switch Hall IC
logo
Shenzhen Huazhimei Semi...
HM4916 HMSEMI-HM4916 Datasheet
599Kb / 5P
MicroPower , Ultra-Sensitive CMOS Hall IC
logo
AiT Semiconductor Inc.
AH8115 AITSEMI-AH8115 Datasheet
535Kb / 7P
HALL SWITCH LOW POWER, HIGH SENSITIVITY, CMOS HALL SWITCH
REV1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com