Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US79 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # US79
Description  CMOS Power Hall IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

US79 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  US79 Datasheet HTML 1Page - List of Unclassifed Manufacturers US79 Datasheet HTML 2Page - List of Unclassifed Manufacturers US79 Datasheet HTML 3Page - List of Unclassifed Manufacturers US79 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
US79 Series
CMOS Power Hall IC
US79 CMOS Power Hall IC
Rev 3.0
23/Jan/01
Page 2
US79 Electrical Specifications
DC operating parameters: TA = 25 to 125oC, VDD = 5.0 to 12V unless otherwise specified.
Parameter
Test Conditions
Min Typ Max Units
Supply Voltage
VDD
Operating
3.7
-
18
V
Supply Current
IDD
Operating
1.2
2.0
4
mA
Output leakage
ILEAK
B<BOP
-
1
10
µA
Output voltage
VOUT
B<BHYS
-
-
35
V
Output Saturation voltage
VDSS
IOUT = 150mA, VDD = 12V
400 600
mV
Output Saturation voltage
VDSS
IOUT = 350mA, VDD =12V
800 1100
mV
Output On resistance
RDDSS
VDD = 12V
1.34
Ω
Thermal resistance
Rth
Operating
200 °C/Watt
US79 Magnetic Specifications
DC operating parameters: TA = 25 to 125oC, VDD = 5.0 to 12V unless otherwise specified. 1 mT = 10 Gauss.
Parameter
Symbol Test Conditions
Min Typ Max Units
Operate Point
BOP
Operating
3.0
6.0
mT
Release Point
BRP
Operating
-6.0 -3.0
mT
Hysteresis
BHYS
Operating
-
6.0
-
mT
General Description
The US79 eliminates 16 solder joints, protects
against
ESD,
filters
RFI
emission
caused
by
switching of high currents, protects against voltage
surges, protects against locked rotor, operates at a
low
temperature
and
is
manufactured
in
an
Automotive IC factory.
Unique Features
Reverse voltage protection eliminates the need for a
diode. Reverse current flows through the coils and
the chip. Power dissipation is (2 * Istall/start * 0.7V).
Table 1 presents max temperature for each current.
Table 1
Istall / Istart
TA Maximum Rev V Test
100mA
125°C
200mA
100°C
300mA
70°C
400mA
40°C
The IC tolerates >7000V ESD. When installed in the
fan, the windings increase the ESD tolerance to
>15000V eliminating the need for ESD concerns in
the finished fan. Reverse Voltage protection is
provided by the motor windings. The IC contains
slew rate control on the output drivers to eliminate
RF emissions. 35V Zener diodes clamp the output
drivers for overstress protection.
Application Comments
EMC protection is built in. EMC considerations
require that the fan assembly should tolerate ESD,
reverse voltage, over voltage and not radiate RF
noise which may interfere with other electronic
equipment. These capabilities are built in to the chip
to meet EMC requirements.
Qualification Test Results
SOA (Safe Operating Area) tests to verify inductive
switching of 500mA @ 20V. 1000 pieces tested 100
cycles each. Operating Life Test at TA = 150C for
4000 hrs. 100pc. “0” failures. Package qualified to
QS900 automotive PPAP specifications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com