Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4444 Datasheet (PDF) - Aeroflex Circuit Technology

4444 Datasheet PDF - Aeroflex Circuit Technology
Part # 4444
Download  4444 Download
File Size   213.02 Kbytes
Page   10 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description Transceiver for MIL-STD-1553 /MACAIR in a Chipscale Package

4444 Datasheet (PDF)

Go To PDF Page Download Datasheet
4444 Datasheet PDF - Aeroflex Circuit Technology

Part # 4444
Download  4444 Click to download

File Size   213.02 Kbytes
Page   10 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description Transceiver for MIL-STD-1553 /MACAIR in a Chipscale Package

4444 Datasheet (HTML) - Aeroflex Circuit Technology


4444 Product details

GENERAL DESCRIPTION
The Aeroflex Laboratories transceiver model ACT4444 is a monolithic transceiver which provides full compliance with Macair and MIL-STD-1553 data bus requirements. The model ACT4444 performs the front-end analog function of inputting and outputting data through a transformer to a MIL-STD-1553 or Macair data bus with a few external components.
The ACT4444 can be considered a "Universal" Transceiver in that it is compatible with MIL-STD-1553A, B, Macair A-3818, A-4905, A-5232 and A-5690.
Design of these transceivers reflects particular attention to active filter performance. This results in low bit and word error rate with superior waveform purity and minimal zero crossover distortion. The ACT4444 active filter design has additional high frequency roll-off to provide the required Macair low harmonic distortion waveform without increasing the pulse delay characteristics significantly.
Efficient transmitter electrical and thermal design provides low internal power dissipation and heat rise at high and well as low duty cycles. An optional receiver input threshold adjustment can be accomplished by the use of the "External Threshold" terminals.

FEATURES
❑ Transceiver meets MIL-STD-1553A & B, Macair A3818, A4905, A5232 and A5690 specs
❑ Bipolar Supply ±15V to ±12V, Logic Supply +5V
❑ Replacement for function of CT3232 & ACT4404 in new designs
❑ Voltage source output
❑ Monolithic construction
❑ Aeroflex is a Class H & K MIL-PRF-38534 Manufacturer
❑ Miniature Chipscale Package Bumped Chip Carrier™ (BCC++)




Similar Part No. - 4444

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
4444 ADAFRUIT-4444 Datasheet
1Mb / 3P
Adafruit PyPortal Titano
12-20-19
logo
Myrra
44440 MYRRA-44440 Datasheet
134Kb / 1P
TRANSFORMATEURS EI 60
17/10/2003
44441 MYRRA-44441 Datasheet
134Kb / 1P
TRANSFORMATEURS EI 60
17/10/2003
logo
Molex Electronics Ltd.
44441-1002 MOLEX11-44441-1002 Datasheet
59Kb / 2P
7.50mm Pitch Sabre??Receptacle Crimp Housing, UL 94V-2, 2 Circuits
44441-1003 MOLEX11-44441-1003 Datasheet
59Kb / 2P
7.50mm Pitch Sabre??Receptacle Crimp Housing, UL 94V-2, 3 Circuits
More results


Similar Description - 4444

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4402 AEROFLEX-ACT4402 Datasheet
89Kb / 7P
ACT4402 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
ACT4423 AEROFLEX-ACT4423 Datasheet
94Kb / 7P
ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4438 AEROFLEX-ACT4438 Datasheet
182Kb / 7P
ACT4438-1 Transceiver for MIL-STD-1553 / 1760 in a Chipscale Package
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
CT3232 AEROFLEX-CT3232 Datasheet
103Kb / 8P
Low Power Driver /Receiver For MIL-STD-1553 & Macair
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
MIL-STD-1553 TRANSCEIVER
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
logo
Aeroflex Circuit Techno...
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com