Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4444 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # 4444
Description  Transceiver for MIL-STD-1553 /MACAIR in a Chipscale Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

4444 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  4444 Datasheet HTML 1Page - Aeroflex Circuit Technology 4444 Datasheet HTML 2Page - Aeroflex Circuit Technology 4444 Datasheet HTML 3Page - Aeroflex Circuit Technology 4444 Datasheet HTML 4Page - Aeroflex Circuit Technology 4444 Datasheet HTML 5Page - Aeroflex Circuit Technology 4444 Datasheet HTML 6Page - Aeroflex Circuit Technology 4444 Datasheet HTML 7Page - Aeroflex Circuit Technology 4444 Datasheet HTML 8Page - Aeroflex Circuit Technology 4444 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SCD4444 Rev B
FEATURES
❑
Transceiver meets MIL-STD-1553A & B, Macair A3818, A4905, A5232 and A5690 specs
❑
Bipolar Supply ±15V to ±12V, Logic Supply +5V
❑
Replacement for function of CT3232 & ACT4404 in new designs
❑
Voltage source output
❑
Monolithic construction
❑
Aeroflex is a Class H & K MIL-PRF-38534 Manufacturer
❑
Miniature Chipscale Package Bumped Chip Carrier
™ (BCC++)
GENERAL DESCRIPTION
The Aeroflex Laboratories transceiver model ACT4444 is a
monolithic transceiver which provides full compliance with Macair and
MIL-STD-1553 data bus requirements. The model ACT4444 performs the front-end analog function of inputting and outputting data through a
transformer to a MIL-STD-1553 or Macair data bus with a few external components.
The ACT4444 can be considered a "Universal" Transceiver in that it is compatible with MIL-STD-1553A, B, Macair A-3818, A-4905, A-5232
and A-5690.
Design of these transceivers reflects particular attention to active filter performance. This results in low bit and word error rate with superior
waveform purity and minimal zero crossover distortion. The ACT4444 active filter design has additional high frequency roll-off to provide the
required Macair low harmonic distortion waveform without increasing the pulse delay characteristics significantly.
Efficient transmitter electrical and thermal design provides low internal power dissipation and heat rise at high and well as low duty cycles.
An optional receiver input threshold adjustment can be accomplished by the use of the "External Threshold" terminals.
TRANSMITTER
The Transmitter section accepts bi-phase TTL data at the input and when coupled to the data bus with a 1:1 transformer, isolated on the data bus
side with two 55 Ohm fault isolation resistors, and loaded by two 70 thru 85 Ohm terminations plus additional receivers, the data bus signal
produced is 7.0 Volts minimum P-P at A-A’ (See Figure 3 or 4). When both DATA and DATA inputs are held low or high, the transmitter output
becomes a high impedance and is “removed” from the line. In addition, an overriding “INHIBIT" input provides for the removal of the
transmitter output from the line. A logic “1” applied to the “INHIBIT” takes priority over the condition of the data inputs and disables the
transmitter (See Transmitter Logic Waveforms - Figure 1).
The transmitter utilizes an active filter to suppress harmonics above 1 MHz to meet Macair specifications A-3818, A-4905, A-5232 and A-5690.
The transmitter may be safely operated for an indefinite period at 100% duty cycle into a data bus short circuit.
RECEIVER
The Receiver section accepts bi-phase differential data at the input and produces two TTL signals at the output. The outputs are DATA and
DATA, and represent positive and negative excursions of the input beyond a pre-determined threshold (See Receiver Logic Waveforms -
Figure 2).
The internal threshold is nominally set to detect data bus signals exceeding 1.05 Volts P-P and reject signals less than 0.6 Volts P-P when used
with a 1:1 turns ratio transformer (See Figure 3 or 4 for transformer data and typical connections). This threshold setting can be held by
grounding the appropriate pins or modified with the use of external resistors.
A low level at the Strobe input inhibits the DATA and DATA outputs. If unused, a 2K Ohm pull-up to +5 Volts is recommended.
NOTE: BCC++ and Bumped Chip Carrier are Trademarks of Fujitsu Ltd.
ACT4444 Transceiver
Standard Products
for MIL-STD-1553 / MACAIR in a Chipscale Package
October 1, 2003
Preliminary


Similar Part No. - 4444

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
4444 ADAFRUIT-4444 Datasheet
1Mb / 3P
Adafruit PyPortal Titano
12-20-19
logo
Myrra
44440 MYRRA-44440 Datasheet
134Kb / 1P
TRANSFORMATEURS EI 60
17/10/2003
44441 MYRRA-44441 Datasheet
134Kb / 1P
TRANSFORMATEURS EI 60
17/10/2003
logo
Molex Electronics Ltd.
44441-1002 MOLEX11-44441-1002 Datasheet
59Kb / 2P
7.50mm Pitch Sabre??Receptacle Crimp Housing, UL 94V-2, 2 Circuits
44441-1003 MOLEX11-44441-1003 Datasheet
59Kb / 2P
7.50mm Pitch Sabre??Receptacle Crimp Housing, UL 94V-2, 3 Circuits
More results

Similar Description - 4444

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4402 AEROFLEX-ACT4402 Datasheet
89Kb / 7P
ACT4402 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
ACT4423 AEROFLEX-ACT4423 Datasheet
94Kb / 7P
ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4438 AEROFLEX-ACT4438 Datasheet
182Kb / 7P
ACT4438-1 Transceiver for MIL-STD-1553 / 1760 in a Chipscale Package
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
CT3232 AEROFLEX-CT3232 Datasheet
103Kb / 8P
Low Power Driver /Receiver For MIL-STD-1553 & Macair
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
MIL-STD-1553 TRANSCEIVER
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
logo
Aeroflex Circuit Techno...
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com