Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1501 Datasheet (PDF) - Anachip Corp

AP1501 Datasheet PDF - Anachip Corp
Part # AP1501
Download  AP1501 Download
File Size   129.02 Kbytes
Page   7 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 150 KHZ 3A PWM BUCK DC/DC CONVERTER

AP1501 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1501 Datasheet PDF - Anachip Corp

Part # AP1501
Download  AP1501 Click to download

File Size   129.02 Kbytes
Page   7 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 150 KHZ 3A PWM BUCK DC/DC CONVERTER

AP1501 Datasheet (HTML) - Anachip Corp


AP1501 Product details

General Description

The AP1501 series are monolithic IC that design for a step-down DC/DC converter, and own the ability of driving a 3A load without additional transistor component. Due to reducing the number of external component, the board space can be saved easily. The external shutdown function can be controlled by logic level and then come into standby mode.



Features

- Output voltage: 3.3V, 5V, 12V and adjustable output version

- Adjustable version output voltage range, 1.23V to 37V+4%

- 150Khz +15% fixed switching frequency

- Voltage mode non-synchronous PWM control

- Thermal-shutdown and current-limit protection

- ON/OFF shutdown control input

- Operating voltage can be up to 40V

- Output load current: 3A

- TO220-5L TO220-5L(R) and TO263-5L packages

- Low power standby mode

- Built-in switching transistor on chip



Applications

- Simple High-efficiency step-down regulator

- On-card switching regulators

- Positive to negative converter




Similar Part No. - AP1501

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1501 DIODES-AP1501 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
AP1501 DIODES-AP1501 Datasheet
410Kb / 13P
150KHZ, 3A PWM BUCK DC/DC CONVERTER
Rev. 14 - 2 March 2021
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
Simple high-efficiency step-down (buck) regulator
logo
Anachip Corp
AP1501-12K5 ANACHIP-AP1501-12K5 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
AP1501-12K5A ANACHIP-AP1501-12K5A Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
More results


Similar Description - AP1501

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
GTM CORPORATION
G5E2596M GTM-G5E2596M Datasheet
618Kb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
G5J2596M GTM-G5J2596M Datasheet
620Kb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
G5U2596M GTM-G5U2596M Datasheet
616Kb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
logo
SeCoS Halbleitertechnol...
S5E2596M SECOS-S5E2596M Datasheet
1Mb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
S5J2596M SECOS-S5J2596M Datasheet
1Mb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
S5U2596M SECOS-S5U2596M Datasheet
1Mb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
3A PWM BUCK DC/DC CONVERTER
Rev 8
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
3A PWM BUCK DC/DC CONVERTER
Rev 4
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
3A PWM BUCK DC/DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com