Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1501 Datasheet (PDF) - Diodes Incorporated

AP1501 Datasheet PDF - Diodes Incorporated
Part # AP1501
Download  AP1501 Download
File Size   410.52 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150KHZ, 3A PWM BUCK DC/DC CONVERTER

AP1501 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1501 Datasheet PDF - Diodes Incorporated

Part # AP1501
Download  AP1501 Click to download

File Size   410.52 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150KHZ, 3A PWM BUCK DC/DC CONVERTER

AP1501 Datasheet (HTML) - Diodes Incorporated


AP1501 Product details

Features
• Output Voltage: 3.3V, 5V, 12V and Adjustable Output Version
• Adjustable Version Output Voltage Range, 1.23V to 37V+4%
• 150kHz +15% Fixed Switching Frequency
• Voltage Mode Non-Synchronous PWM Control
• Thermal-Shutdown and Current-Limit Protection
• ON/OFF Shutdown Control Input
• Operating Voltage can be up to 40V
• Output Load Current: 3A
• Low Power Standby Mode
• Built-In Switching Transistor on Chip
• TO263-5 and TO220-5 Packages
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen- and Antimony-Free. “Green” Device (Note 3)
• For automotive applications requiring specific change control

Applications
• Simple High-Efficiency Step-Down Regulator
• On-Card Switching Regulators
• Positive to Negative Converter




Similar Part No. - AP1501

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501 ANACHIP-AP1501 Datasheet
129Kb / 7P
150 KHZ 3A PWM BUCK DC/DC CONVERTER
Rev. A7 Feb. 10, 2004
logo
Diodes Incorporated
AP1501 DIODES-AP1501 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
Simple high-efficiency step-down (buck) regulator
logo
Anachip Corp
AP1501-12K5 ANACHIP-AP1501-12K5 Datasheet
129Kb / 7P
150 KHZ 3A PWM BUCK DC/DC CONVERTER
Rev. A7 Feb. 10, 2004
AP1501-12K5 ANACHIP-AP1501-12K5 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
More results


Similar Description - AP1501

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3123 FOSLINK-FSP3123 Datasheet
320Kb / 11P
150KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com