Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1501 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1501
Description  150KHZ, 3A PWM BUCK DC/DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1501 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1501 Datasheet HTML 1Page - Diodes Incorporated AP1501 Datasheet HTML 2Page - Diodes Incorporated AP1501 Datasheet HTML 3Page - Diodes Incorporated AP1501 Datasheet HTML 4Page - Diodes Incorporated AP1501 Datasheet HTML 5Page - Diodes Incorporated AP1501 Datasheet HTML 6Page - Diodes Incorporated AP1501 Datasheet HTML 7Page - Diodes Incorporated AP1501 Datasheet HTML 8Page - Diodes Incorporated AP1501 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP1501
Document number: DS31014 Rev. 14 - 2
2 of 13
www.diodes.com
March 2021
© Diodes Incorporated
AP1501
1
2
3
5
4
12V
DC Input
Cin
Capacitor
FB
SD
D1
B340A
Vin
Gnd
Output
AP1501
-33
Co
Capacitor
Inductor
L1
33uH
3.3V/3A
Output Load
Typical Applications Circuit
(1) Fixed Type Circuit
Typical Applications Circuit (continued)
(2) Adjustable Type Circuit
1
2
3
5
4
12V
DC Input
Cin
Capacitor
FB
SD
D1
(Note 5)
Vin
Gnd
Output
AP1501
Co
Capacitor
L1
47uH
5V/ 3A
Output Load
R2
R1
Vout = VFB × (1 +
R2
R1
)
VFB = 1.23V
R2 = 1K ~ 3K
(3) Delay Start Circuit
1
2
3
5
4
12V
DC Input
Cin
Capacitor
FB
SD
D1
(Note 5)
Vin
Gnd
Output
AP1501
Co
Capacitor
L1
47uH
5V/ 3A
Output Load
R2
R1
CDELAY
0.1uF
10K
RDELAY
Note: Suggested Diodes Incorporated’s Power Schottky: B340A or PDS340 series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com