Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1501 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP1501
Description  150KHZ, 3A PWM BUCK DC/DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1501 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP1501 Datasheet HTML 4Page - Diodes Incorporated AP1501 Datasheet HTML 5Page - Diodes Incorporated AP1501 Datasheet HTML 6Page - Diodes Incorporated AP1501 Datasheet HTML 7Page - Diodes Incorporated AP1501 Datasheet HTML 8Page - Diodes Incorporated AP1501 Datasheet HTML 9Page - Diodes Incorporated AP1501 Datasheet HTML 10Page - Diodes Incorporated AP1501 Datasheet HTML 11Page - Diodes Incorporated AP1501 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AP1501
Document number: DS31014 Rev. 14 - 2
8 of 13
www.diodes.com
March 2021
© Diodes Incorporated
AP1501
Performance Characteristics (continued)
JUNCTION TEMPERATURE(oC)
Feedback Pin Bias Current
1.4 5 10 15 20 22 23 24 25
ON/OFF PIN VOLTAGE (V)
ON/OFF Pin Current (Sinking)
0.0
30.0
60.0
90.0
120.0
150.0
VIN=40V
-40oC T
J
125oC
≤
≤
0.0
10.0
20.0
30.0
40.0
50.0
-50 -25
0
25
50
75
100 125
Adjustable Version Only
0.0
1.0
2.0
3.0
4.0
5.0
-50 -25
0 25
50 75 100 125
JUNCTION TEMPERATURE (oC)
Minimum Operating Supply Voltage
V
OUT=1.23V
ILOAD=120mA
JUNCTION TEMPERATURE (oC)
ON/OFF Threshold Voltage
0.0
1.0
2.0
3.0
4.0
5.0
-50 -25
0 25 50 75 100 125
Switch Frequency
JUNCTION TEMPERATURE (oC)
0.0
50.0
100.0
150.0
200.0
-50 -25
0 25 50 75 100 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com