Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSBT Datasheet (PDF) - Nais(Matsushita Electric Works)

DSBT Datasheet PDF - Nais(Matsushita Electric Works)
Part # DSBT
Download  DSBT Download
File Size   75.65 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 4,000 V BREAKDOWN VOLTAGE DS RELAYS

DSBT Datasheet (PDF)

Go To PDF Page Download Datasheet
DSBT Datasheet PDF - Nais(Matsushita Electric Works)

Part # DSBT
Download  DSBT Click to download

File Size   75.65 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 4,000 V BREAKDOWN VOLTAGE DS RELAYS

DSBT Datasheet (HTML) - Nais(Matsushita Electric Works)




Similar Part No. - DSBT

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DSB DOMINANT-DSB Datasheet
1Mb / 14P
Right Angle DomiLED
logo
Nihon Kaiheiki Industry...
DSB NKK-DSB Datasheet
399Kb / 6P
Distinctive Characteristics
logo
Axiomtek Co., Ltd.
DSB-300 AXIOMTEK-DSB-300 Datasheet
244Kb / 1P
Sn Dust-proof design
DSB-310 AXIOMTEK-DSB-310 Datasheet
197Kb / 1P
Fanless operation
DSB-500-860 AXIOMTEK-DSB-500-860 Datasheet
267Kb / 1P
Supports wall mount and VESA mount
More results


Similar Description - DSBT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SMTPB BILIN-SMTPB Datasheet
281Kb / 4P
TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
SMTPAXXX BILIN-SMTPAXXX_03 Datasheet
346Kb / 6P
TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Panasonic Battery Group
DS PANASONICBATTERY-DS Datasheet
92Kb / 6P
DS RELAYS
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42 MAKOSEMI-MMBTA42 Datasheet
97Kb / 2P
High breakdown voltage
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
High breakdown voltage
HDPE15U60G SEMIHOW-HDPE15U60G Datasheet
503Kb / 3P
High breakdown voltage
HDS20U30GW SEMIHOW-HDS20U30GW Datasheet
410Kb / 3P
High Breakdown Voltage
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
Breakdown voltage range: 220 V
logo
Shanghai Leiditech Elec...
MMBTA42 LEIDITECH-MMBTA42 Datasheet
1Mb / 3P
High breakdown voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com