Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCJ200CA Datasheet (PDF) - Sangdest Microelectronic (Nanjing) Co., Ltd

SMCJ200CA Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd
Part # SMCJ200CA
Download  SMCJ200CA Download
File Size   199.96 Kbytes
Page   5 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description Breakdown voltage range: 220 V

SMCJ200CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SMCJ200CA Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SMCJ200CA
Download  SMCJ200CA Click to download

File Size   199.96 Kbytes
Page   5 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description Breakdown voltage range: 220 V

SMCJ200CA Datasheet (HTML) - Sangdest Microelectronic (Nanjing) Co., Ltd


SMCJ200CA Product details

Features:
• Peak pulse power: 1500 W (10/1000ms)
• Breakdown voltage range: 220 V
• Low clamping factor
• Fast response time
• UL Recognized




Similar Part No. - SMCJ200CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMCJ200CA LITTELFUSE-SMCJ200CA Datasheet
141Kb / 2P
Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
Weitron Technology
SMCJ200CA WEITRON-SMCJ200CA Datasheet
190Kb / 4P
1500W Surface Mount Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMCJ200CA MDE-SMCJ200CA Datasheet
86Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
SMCJ200CA LITTELFUSE-SMCJ200CA Datasheet
220Kb / 5P
Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
SMCJ200CA LUGUANG-SMCJ200CA Datasheet
334Kb / 4P
Surface Mount TVS
More results


Similar Description - SMCJ200CA

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
4,000 V BREAKDOWN VOLTAGE DS RELAYS
logo
Galaxy Semi-Conductor H...
SMTPB BILIN-SMTPB Datasheet
281Kb / 4P
TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
SMTPAXXX BILIN-SMTPAXXX_03 Datasheet
346Kb / 6P
TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42 MAKOSEMI-MMBTA42 Datasheet
97Kb / 2P
High breakdown voltage
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
High breakdown voltage
HDS20U30GW SEMIHOW-HDS20U30GW Datasheet
410Kb / 3P
High Breakdown Voltage
logo
Suntan Capacitors
BZX84C SUNTAN-BZX84C Datasheet
136Kb / 3P
Zener breakdown voltage range - 2.0 V to 75 V
logo
Shanghai Leiditech Elec...
MMBTA42 LEIDITECH-MMBTA42 Datasheet
1Mb / 3P
High breakdown voltage
MM5Z2V0 LEIDITECH-MM5Z2V0 Datasheet
518Kb / 4P
Standard Zener Breakdown Voltage Range 2.0 V to 75 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com