Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84C Datasheet (PDF) - Suntan Capacitors

BZX84C Datasheet PDF - Suntan Capacitors
Part # BZX84C
Download  BZX84C Download
File Size   136.43 Kbytes
Page   3 Pages
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors
Description Zener breakdown voltage range - 2.0 V to 75 V

BZX84C Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C Datasheet PDF - Suntan Capacitors

Part # BZX84C
Download  BZX84C Click to download

File Size   136.43 Kbytes
Page   3 Pages
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors
Description Zener breakdown voltage range - 2.0 V to 75 V

BZX84C Datasheet (HTML) - Suntan Capacitors


BZX84C Product details

FEATURES
   Zener breakdown voltage range - 2.0 V to 75 V
   Package designed for optimal automated board assembly
   Small package size for high density applications

   This series of Zener diodes is offered in the convenient,
   surface mount plastic SOT-23 package. These devices
   are designed to provide voltage regulation with minimum
   space requirement. They are well suited for applications
   such as cellular phones, hand held portables, and high
   density PC boards.




Similar Part No. - BZX84C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C RECTRON-BZX84C Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
BZX84C JGD-BZX84C Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
Fairchild Semiconductor
BZX84C FAIRCHILD-BZX84C Datasheet
197Kb / 6P
Series Zeners
logo
Shanghai Lunsure Electr...
BZX84C CHENYI-BZX84C Datasheet
22Kb / 1P
SURFACE MOUNT ZENER DIODES
logo
Continental Device Indi...
BZX84C CDIL-BZX84C Datasheet
111Kb / 4P
SILIICON PLANAR VOLTAGE REGULATOR DIODE
More results


Similar Description - BZX84C

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
4,000 V BREAKDOWN VOLTAGE DS RELAYS
logo
SeCoS Halbleitertechnol...
RL201 SECOS-RL201 Datasheet
505Kb / 2P
Voltage Range 50 to 1000 V 2.0 AMP Silicon Rectifiers
logo
Shenzhen Luguang Electr...
DZ23C2V7-C51 LUGUANG-DZ23C2V7-C51 Datasheet
98Kb / 2P
Zener Voltage Range 2.7 V to 51 V. Dual Silicon Zener Diodes, Common Cathode
logo
Micro Commercial Compon...
BZV55C18-TP MCC-BZV55C18-TP Datasheet
665Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
BZV55C11-TP MCC-BZV55C11-TP Datasheet
661Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
Breakdown voltage range: 220 V
logo
Micro Commercial Compon...
BZM55C2V0 MCC-BZM55C2V0 Datasheet
177Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
BZT55C2V0 MCC-BZT55C2V0 Datasheet
135Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
BZV55C2V0 MCC-BZV55C2V0 Datasheet
421Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
logo
Shanghai Leiditech Elec...
MM5Z2V0 LEIDITECH-MM5Z2V0 Datasheet
518Kb / 4P
Standard Zener Breakdown Voltage Range 2.0 V to 75 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com