Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68SDIL Datasheet (PDF) - Motorola, Inc

M68SDIL Datasheet PDF - Motorola, Inc
Part # M68SDIL
Download  M68SDIL Download
File Size   3130.76 Kbytes
Page   460 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Microcontrollers

M68SDIL Datasheet (PDF)

Go To PDF Page Download Datasheet
M68SDIL Datasheet PDF - Motorola, Inc

Part # M68SDIL
Download  M68SDIL Click to download

File Size   3130.76 Kbytes
Page   460 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Microcontrollers

M68SDIL Datasheet (HTML) - Motorola, Inc


M68SDIL Product details

Introduction

The MC68HC912D60A microcontroller unit (MCU) is a 16-bit device available in two package options, 80-pin QFP and 112-pin TQFP. On chip peripherals include a 16-bit central processing unit (CPU12), 60K bytes of flash EEPROM, 2K bytes of RAM, 1K bytes of EEPROM, two asynchronous serial communication interfaces (SCI), a serial peripheral interface (SPI), an enhanced capture timer (ECT), two (one on 80QFP) 8-channel,10-bit analog-to-digital converters (ATD), a four-channel pulse-width modulator (PWM), and a CAN 2.0 A, B software compatible module (MSCAN12). System resource mapping, clock generation, interrupt control and bus interfacing are managed by the lite integration module (LIM). The MC68HC912D60A has full 16-bit data paths throughout, however, the external bus can operate in an 8-bit narrow mode so single 8-bit wide memory can be interfaced for lower cost systems. The inclusion of a PLL circuit allows power consumption and performance to be adjusted to suit operational requirements. In addition to the I/O ports available in each module, 16 (2 on 80QFP) I/O port pins are available with Key-Wake-Up capability from STOP or WAIT mode.



Features

• 16-bit CPU12

   – Upward compatible with M68HC11 instruction set

   – Interrupt stacking and programmer’s model identical to M68HC11

   – 20-bit ALU

   – Instruction queue

   – Enhanced indexed addressing

• Multiplexed bus

   – Single chip or expanded

   – 16 address/16 data wide or 16 address/8 data narrow mode

   • Two 8-bit ports with key wake-up interrupt (2 pins only are available on 80QFP) and one I2C start bit detector (112TQFP only)

• Memory

   – 60K byte flash EEPROM, made of a 28K module and a 32K module with 8K bytes protected BOOT section in each module (MC68HC912D60A)

   – 1K byte EEPROM

   – 2K byte RAM

• Analog-to-digital converters

   – 2 x 8-channels, 10-bit resolution in 112TQFP

   – 1 x 8-channels, 8-bit resolution in 80QFP

• 1M bit per second, CAN 2.0 A, B software compatible module

   – Two receive and three transmit buffers

   – Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8 x 8 bit

   – Four separate interrupt channels for Rx, Tx, error and wake-up

   – Low-pass filter wake-up function

   – In 80QFP, only TxCAN and RxCAN pins are available

   – Loop-back for self test operation

   – Programmable link to a timer input capture channel, for time stamping and network synchronization.

• Enhanced capture timer (ECT)

   – 16-bit main counter with 7-bit prescaler

   – 8 programmable input capture or output compare channels; 4 of the 8 input captures with buffer

   – Input capture filters and buffers, three successive captures on four channels, or two captures on four channels with a capture/compare selectable on the remaining four

   – Four 8-bit or two 16-bit pulse accumulators

   – 16-bit modulus down-counter with 4-bit prescaler

   – Four user-selectable delay counters for signal filtering

• 4 PWM channels with programmable period and duty cycle

   – 8-bit 4-channel or 16-bit 2-channel

   – Separate control for each pulse width and duty cycle

   – Center- or left-aligned outputs

   – Programmable clock select logic with a wide range of frequencies

• Serial interfaces

   – Two asynchronous serial communications interfaces (SCI)

   – MI-Bus implemented on final devices

   – Synchronous serial peripheral interface (SPI)

• LIM (light integration module)

   – WCR (windowed COP watchdog, real time interrupt, clock monitor)

   – ROC (reset and clocks)

   – MEBI (multiplexed external bus interface)

   – MBI (internal bus interface and map)

   – INT (interrupt control)

• Clock generation

   – Phase-locked loop clock frequency multiplier

   – Limp home mode in absence of external clock

   – Slow mode divider

   – Low power 0.5 to 16 MHz crystal oscillator reference clock

   – Option of a Pierce or Colpitts oscillator

• 112-Pin TQFP package or 80-pin QFP package

   – Up to 68 general-purpose I/O lines, plus up to 18 input-only lines in 112TQFP or Up to 48 general-purpose I/O lines, plus up to 10 input-only lines in 80QFP

• 8MHz operation at 5V

• Development support

   – Single-wire background debug™ mode (BDM)

   – On-chip hardware breakpoints



 




Similar Part No. - M68SDIL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68SDIL MOTOROLA-M68SDIL Datasheet
2Mb / 432P
Advance Information - Rev 4.0
M68SDIL12 MOTOROLA-M68SDIL12 Datasheet
2Mb / 404P
microcontroller unit 16BIT DEVICE
M68SDIL12 MOTOROLA-M68SDIL12 Datasheet
2Mb / 478P
The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit
More results


Similar Description - M68SDIL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C Datasheet
3Mb / 680P
Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com