Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2724 Datasheet (PDF) - Micro Linear Corporation

ML2724 Datasheet PDF - Micro Linear Corporation
Part # ML2724
Download  ML2724 Download
File Size   864.63 Kbytes
Page   26 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet

ML2724 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2724 Datasheet PDF - Micro Linear Corporation

Part # ML2724
Download  ML2724 Click to download

File Size   864.63 Kbytes
Page   26 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet

ML2724 Datasheet (HTML) - Micro Linear Corporation


ML2724 Product details

GENERAL DESCRIPTION

The ML2724 is a fully integrated 1.5Mbps frequency shift keyed (FSK) transceiver that operates in the unlicensed 2.4GHz ISM frequency band. The device has been optimized for digital cordless telephone applications and includes all the frequency generation, receive and transmit functions. Automatically adjusted filters eliminate mechanical tuning. Closed loop modulation eliminates frequency drift and permits practically unlimited TX duration. The transmitter generates a 3dBm FSK output signal.



FEATURES

Complete 2.4GHz FSK Transceiver

  -  High data rate (1.5Mbps)

  -  -81dBm sensitivity @ 0.1% BER (typ)

  -  3dBm Output Power (differential, typ)

Closed Loop TX Modulation

Low IF Receiver: No external IF filters required.

Fully Integrated frequency synthesizer:

  -  No external resonator required.

Sigma-Delta Fractional-N two-port modulator

Automatic Filter Alignment

  -  No manufacturing adjustments required.

No external data slicer components required

Control outputs correctly sequence and control PA

3-wire control interface

Analog RSSI output



APPLICATIONS

2.4GHz FSK Data Transceivers

-  Digital Cordless Telephones

- Wireless PC Peripherals

-  Wireless Game Controllers

-  Wireless Streaming Media




Similar Part No. - ML2724

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2724 MICRO-LINEAR-ML2724 Datasheet
293Kb / 26P
2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML2724DH MICRO-LINEAR-ML2724DH Datasheet
293Kb / 26P
2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML2724DH-T MICRO-LINEAR-ML2724DH-T Datasheet
293Kb / 26P
2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
2.4GHz Low-IF 1.5Mbps FSK Transceiver
More results


Similar Description - ML2724

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2520L SIGE-SE2520L Datasheet
345Kb / 8P
RangeCharger 2.4GHz Power Amplifier IC Final
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
5.8GHz Low-IF 1.5Mbps FSK Transceiver
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
Low Power FM/FSK IF IC
logo
AMIC Technology
A7101 AMICC-A7101 Datasheet
297Kb / 22P
2.4GHz FSK Transceiver
logo
SIRENZA MICRODEVICES
ML2726 SIRENZA-ML2726 Datasheet
265Kb / 25P
2.4GHz Low-IF 2.0Mbps FSK Transceiver
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
900MHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
5.8GHz Low-IF 1.5Mbps FSK Transceiver
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com