Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2726 Datasheet (PDF) - SIRENZA MICRODEVICES

ML2726 Datasheet PDF - SIRENZA MICRODEVICES
Part # ML2726
Download  ML2726 Download
File Size   265.9 Kbytes
Page   25 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description 2.4GHz Low-IF 2.0Mbps FSK Transceiver

ML2726 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2726 Datasheet PDF - SIRENZA MICRODEVICES

Part # ML2726
Download  ML2726 Click to download

File Size   265.9 Kbytes
Page   25 Pages
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES
Description 2.4GHz Low-IF 2.0Mbps FSK Transceiver

ML2726 Datasheet (HTML) - SIRENZA MICRODEVICES


ML2726 Product details

GENERAL DESCRIPTION
The ML2726 is a fully integrated 2.0Mbps frequency shift keyed (FSK) transceiver that operates in the unlicensed 2.4GHz ISM frequency band. The device has been optimized for digital cordless telephone applications and includes all the frequency generation, receive and transmit functions. Automatically adjusted filters eliminate mechanical tuning. Closed loop modulation eliminates frequency drift and permits practically unlimited TX duration. The transmitter generates a 3dBm FSK output signal.

FEATURES
◾ Complete 2.4GHz FSK Transceiver
    - High data rate (2.048 Mbps)
    - -80dBm sensitivity @ 0.1% BER (typ)
    - 3dBm Output Power (differential, typ)
◾ Closed Loop TX Modulation
◾ Low IF Receiver: No external IF filters required.
◾ Fully Integrated frequency synthesizer:
    - No external resonator required.
◾ Sigma-Delta Fractional-N two-port modulator
◾ Automatic Filter Alignment
    - No manufacturing adjustments required.
◾ No external data slicer components required
◾ Control outputs correctly sequence and control PA
◾ 3-wire control interface
◾ Analog RSSI output

APPLICATIONS
◾ 2.4GHz FSK Data Transceivers
    - Digital Cordless Telephones
    - Wireless PC Peripherals
    - Wireless Game Controllers
    - Wireless Streaming Media




Similar Part No. - ML2726

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2721 MICRO-LINEAR-ML2721 Datasheet
96Kb / 2P
900MHz DSSS RF to Digital Transceiver Chipset
ML2721 MICRO-LINEAR-ML2721 Datasheet
298Kb / 27P
Low IF Digital Cordless Transceiver
ML2721-1 MICRO-LINEAR-ML2721-1 Datasheet
96Kb / 2P
900MHz DSSS RF to Digital Transceiver Chipset
ML2721DH MICRO-LINEAR-ML2721DH Datasheet
298Kb / 27P
Low IF Digital Cordless Transceiver
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
More results


Similar Description - ML2726

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML2722 MICRO-LINEAR-ML2722 Datasheet
463Kb / 28P
900MHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
ML5800 MICRO-LINEAR-ML5800 Datasheet
1Mb / 24P
5.8GHz Low-IF 1.5Mbps FSK Transceiver
logo
List of Unclassifed Man...
SPRF2738A ETC1-SPRF2738A Datasheet
428Kb / 12P
Low Power FM/FSK IF IC
logo
AMIC Technology
A7121 AMICC-A7121 Datasheet
127Kb / 2P
2.4GHz GFSK Transceiver
A7101 AMICC-A7101 Datasheet
297Kb / 22P
2.4GHz FSK Transceiver
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
900MHz Low-IF 1.5Mbps FSK Transceiver
ML2724 MICRO-LINEAR-ML2724_05 Datasheet
293Kb / 26P
2.4GHz Low-IF 1.5Mbps FSK Transceiver
ML5800 MICRO-LINEAR-ML5800_06 Datasheet
277Kb / 25P
5.8GHz Low-IF 1.5Mbps FSK Transceiver
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com