Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2721 Datasheet (PDF) - Micro Linear Corporation

ML2721 Datasheet PDF - Micro Linear Corporation
Part # ML2721
Download  ML2721 Download
File Size   96.63 Kbytes
Page   2 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 900MHz DSSS RF to Digital Transceiver Chipset

ML2721 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2721 Datasheet PDF - Micro Linear Corporation

Part # ML2721
Download  ML2721 Click to download

File Size   96.63 Kbytes
Page   2 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 900MHz DSSS RF to Digital Transceiver Chipset

ML2721 Datasheet (HTML) - Micro Linear Corporation


ML2721 Product details

Micro Linear has developed a single IC radio, the ML2721. The very high level of integration absorbs all the circuits either difficult to design or those that require production alignment. Adding just an external RF switch makes a complete radio with a digital control interface. On receive, the input is RF, the output is demodulated data. All the LO circuits are integrated, including the VCO tank circuit which Micro Linear tunes in production. For transmit, the chip is digital data in and modulated RF out. To ensure proper functionality in products, all the DC regulation and power management functions are integrated into the ML2721. This chip can be used for 900MHz ISM band applications, as either a 1.1Mbps to 1.6Mbps FSK radio, or a 1.1Mcps direct sequence radio. To extend the radio range, the ML2751 integrates a 100mW PA and a 18dB gain LNA. The ML2751 PA/LNA can implement front-end solutions for many communications products using TDD/TDMA (half duplex radios) in the 600MHz to 1 GHz range and for transmitter powers up to 100mW at 3.0V.

Features
ML2721
• Fully Integrated Receiver With 900mhz RF In And NRZ Out
• Fully Integrated Transmitter With Integrated Modulation Filter
• Fully Integrated, Self Aligning IF Filtering, Frequency To Voltage Converter, Transmit And Receive Data Filters
• Integrated Frequency Synthesizer With On Chip Pre Aligned VCO
• Transmitter Low Voltage Lock-Out Circuit To Avoid Out Of Band Emissions At Low Battery Voltage
• On-Chip DC Regulation For 2.7V To 5.0V Operation
• Analog RSSI Output
• Small 32 Pin TQFP Package, 0.75mm Pitch

ML2751
• Power Amplifier Output +21dbm (125mw) Typical Max Output At 3.0V
• Power Amplifier Gain 35db (Typical Max)
• Single Supply 2.7V - 4.5V Operating Range
• Power Amplifier Efficiency 35% At 3.3V
• PA Control Pin For Power Consumption Reduction In Portable Products
• On-Chip Low Noise Amplifier For Receiver
• On-Chip PIN Diode Drivers For Tx/Rx
• Small TSSOP-20 Package




Similar Part No. - ML2721

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2721 MICRO-LINEAR-ML2721 Datasheet
298Kb / 27P
Low IF Digital Cordless Transceiver
ML2721DH MICRO-LINEAR-ML2721DH Datasheet
298Kb / 27P
Low IF Digital Cordless Transceiver
More results


Similar Description - ML2721

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0680B STMICROELECTRONICS-STV0680B Datasheet
563Kb / 63P
DUAL-MODE DIGITAL CAMERA CHIPSET
Sep-2001
logo
Infineon Technologies A...
PEB55508 INFINEON-PEB55508 Datasheet
552Kb / 2P
GEMINAX ADSL Transceiver Chipset
2001
logo
RF Monolithics, Inc
WIT910 RFM-WIT910 Datasheet
58Kb / 3P
900MHz Frequency Hopping Transceiver OEM Module
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
900MHz Low-IF 1.5Mbps FSK Transceiver
logo
List of Unclassifed Man...
TRW-811S ETC2-TRW-811S Datasheet
669Kb / 24P
Wireless Low Cost 900MHz RF Transceiver Module
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
Wireless Low Cost 900MHz RF Transceiver Module
logo
WALSIN TECHNOLOGY CORPO...
RFBLN20120G9D4T WALSIN-RFBLN20120G9D4T Datasheet
630Kb / 7P
900MHz GSM Band RF Application
logo
Linx Technologies
HUM-900-DT LINX-HUM-900-DT Datasheet
2Mb / 37P
900MHz HumDTTM Series Transceiver
2015
HUM-A-FFF-PRO LINX-HUM-A-FFF-PRO Datasheet
3Mb / 61P
Amplified HumPROTM Series 900MHz Transceiver Module
2017
HUM-900-PRC LINX-HUM-900-PRC Datasheet
2Mb / 108P
HumPRCTM Series 900MHz Remote Control Transceiver Module
2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com