Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2721 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML2721
Description  900MHz DSSS RF to Digital Transceiver Chipset
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2721 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML2721 Datasheet HTML 1Page - Micro Linear Corporation ML2721 Datasheet HTML 2Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Micro Linear makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents of this publication and reserves the right to make changes to specifications and product
descriptions at any time without notice. No license, express or implied, by estoppel or otherwise, to any patents or other intellectual property rights is granted by this document. The circuits contained in this
document are offered as possible applications only. Particular uses or applications may invalidate some of the specifications and/or product descriptions contained herein. The customer is urged to perform its
own engineering review before deciding on a particular application.
Micro Linear assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Micro Linear
products including liability or warranties relating to merchantability, fitness for a particular purpose, or infringement of any intellectual property right. Micro Linear products are not designed for use in medical,
Micro Linear has developed a single IC radio, the ML2721.
The very high level of integration
absorbs all the circuits either difficult to design or those that require production alignment. Adding
just an external RF switch makes a complete radio with a digital control interface. On receive, the
input is RF, the output is demodulated data. All the LO circuits are integrated, including the VCO
tank circuit which Micro Linear tunes in production. For transmit, the chip is digital data in and
modulated RF out. To ensure proper functionality in products, all the DC regulation and power
management functions are integrated into the ML2721. This chip can be used for 900MHz ISM
band applications, as either a 1.1Mbps to 1.6Mbps FSK radio, or a 1.1Mcps direct sequence radio.
To extend the radio range, the ML2751 integrates a 100mW PA and a 18dB gain LNA. The ML2751
PA/LNA can implement front-end solutions for many communications products using TDD/TDMA
(half duplex radios) in the 600MHz to 1 GHz range and for transmitter powers up to 100mW at 3.0V.
CORPORATE HEADQUARTERS
WESTERN UNITED STATES
Micro Linear Corporation
2092 Concourse Drive
San Jose, CA 95131
Tel: (408) 433-5200
Fax: (408) 432-1627
http//www.microlinear.com
CENTRAL UNITED STATES
Micro Linear Corporation
59 Cardinal Street
Pearl River, NY 10965
Tel: (914) 735-5848
Fax: (914) 735-5852
EASTERN UNITED STATES
Micro Linear Corporation
35 Pinehurst Avenue
Nashua, NH 03062
Tel: (603) 888-1326
Fax: (603) 888-4239
EUROPE
Micro Linear Corporation
Babraham Road
Sawston, Cambridge
CB2 4LJ, UK
Tel: 44-1223-839534
Fax: 44-1223-836761
ASIA
Micro Linear Corporation
#705 2-8-12 Mita
Minato-ku, Tokyo 108-0073
Tel/Fax: +81-3-5439-6256
ML2731
ML2751
RF PIN
DIODE
SWITCH
ANTENNA
PIN DIODE
DRIVERS
PA & DRIVER
902 - 928
MHz FILTER
Tx RF
BUFFER
LNA
IF CIRCUITS
Tx DATA
FILTER
BATTERY
WATCH
AND
OSCILLATOR
XTAL
KEYPAD
DISPLAY
MIC
SPEAKER
RINGER
FILTER
ALIGN
PLL
CONTROL
LOGIC
LOOP
FILTER
VTUNE
QUADRATURE
DIVIDED BY 2
BASEBAND
IC
MODEM
CODEC
PROTOCOL
MMI
CONTROL
MEMORY
Block Diagram
© 2000 Micro Linear Corporation. All Rights Reserved.
10k
0200
PB2721-01
900MHz DSSS RF to Digital Transceiver Chipset



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com