Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2721 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML2721
Description  900MHz DSSS RF to Digital Transceiver Chipset
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2721 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML2721 Datasheet HTML 1Page - Micro Linear Corporation ML2721 Datasheet HTML 2Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ML2751
Power Amplifier Output +21dbm (125mw) Typical
Max Output At 3.0V
Power Amplifier Gain 35db (Typical Max)
Single Supply 2.7V - 4.5V Operating Range
Power Amplifier Efficiency 35% At 3.3V
PA Control Pin For Power Consumption Reduction In
Portable Products
On-Chip Low Noise Amplifier For Receiver
On-Chip PIN Diode Drivers For Tx/Rx
Small TSSOP-20 Package
ML2721
Fully Integrated Receiver With 900mhz RF In
And NRZ Out
Fully Integrated Transmitter With Integrated
Modulation Filter
Fully Integrated, Self Aligning IF Filtering,
Frequency To Voltage Converter, Transmit And
Receive Data Filters
Integrated Frequency Synthesizer With On
Chip Pre Aligned VCO
• Transmitter Low Voltage Lock-Out Circuit To Avoid
Out Of Band Emissions At Low Battery Voltage
• On-Chip DC Regulation For 2.7V To 5.0V Operation
• Analog RSSI Output
• Small 32 Pin TQFP Package, 0.75mm Pitch
All the BOM Advantages of Direct Conversion Radio
The Performance Advantages of a Superhet Radio
Small, Simple to Use and Ideal for Volume Manufacture
ML2721
Low IF Digital Cordless
Transceiver
ML2751
Power Amplifier and LNA
900MHz DSSS RF to Digital
Transceiver Chipset
Features
BRIEF


Similar Part No. - ML2721

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2721 MICRO-LINEAR-ML2721 Datasheet
298Kb / 27P
Low IF Digital Cordless Transceiver
ML2721DH MICRO-LINEAR-ML2721DH Datasheet
298Kb / 27P
Low IF Digital Cordless Transceiver
More results

Similar Description - ML2721

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0680B STMICROELECTRONICS-STV0680B Datasheet
563Kb / 63P
DUAL-MODE DIGITAL CAMERA CHIPSET
Sep-2001
logo
Infineon Technologies A...
PEB55508 INFINEON-PEB55508 Datasheet
552Kb / 2P
GEMINAX ADSL Transceiver Chipset
2001
logo
RF Monolithics, Inc
WIT910 RFM-WIT910 Datasheet
58Kb / 3P
900MHz Frequency Hopping Transceiver OEM Module
logo
Micro Linear Corporatio...
ML2722 MICRO-LINEAR-ML2722_05 Datasheet
254Kb / 28P
900MHz Low-IF 1.5Mbps FSK Transceiver
logo
List of Unclassifed Man...
TRW-811S ETC2-TRW-811S Datasheet
669Kb / 24P
Wireless Low Cost 900MHz RF Transceiver Module
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
Wireless Low Cost 900MHz RF Transceiver Module
logo
WALSIN TECHNOLOGY CORPO...
RFBLN20120G9D4T WALSIN-RFBLN20120G9D4T Datasheet
630Kb / 7P
900MHz GSM Band RF Application
logo
Linx Technologies
HUM-900-DT LINX-HUM-900-DT Datasheet
2Mb / 37P
900MHz HumDTTM Series Transceiver
2015
HUM-A-FFF-PRO LINX-HUM-A-FFF-PRO Datasheet
3Mb / 61P
Amplified HumPROTM Series 900MHz Transceiver Module
2017
HUM-900-PRC LINX-HUM-900-PRC Datasheet
2Mb / 108P
HumPRCTM Series 900MHz Remote Control Transceiver Module
2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com