Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7620 Datasheet (PDF) - List of Unclassifed Manufacturers

OV7620 Datasheet PDF - List of Unclassifed Manufacturers
Part # OV7620
Download  OV7620 Download
File Size   313.18 Kbytes
Page   60 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA

OV7620 Datasheet (PDF)

Go To PDF Page Download Datasheet
OV7620 Datasheet PDF - List of Unclassifed Manufacturers

Part # OV7620
Download  OV7620 Click to download

File Size   313.18 Kbytes
Page   60 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA

OV7620 Datasheet (HTML) - List of Unclassifed Manufacturers


OV7620 Product details

[OmniVISION]



General Description

OV7620 is a highly integrated high resolution (640x480) Interlaced / Progressive Scan CMOS digital color / black&white video camera chip. The digital video port supports 60Hz YCrCb 4:2:2 16Bit / 8 Bit for mat, ZV Port output format, RGB raw data 16Bit/8Bit output format and CCIR601/CCIR656 format. The built in SCCB interface provides an easy way of controlling the built-in camera functions.



• Video Conferencing

• Video Phone

• Video Mail

• Still Image

• PC Multimedia



Features

• 326,688 pixels, 1/3” lens, VGA / QVGA format

• Read out - progressive / Interlace

• Data format - YCrCb 4:2:2, GRB 4:2:2, RGB Raw Data

• 8/16 bit video data: CCIR601, CCIR656, ZV port

• Video Timing - 525 line, 30 fps

• Wide dynamic range, anti-blooming, zero smearing

• SCCB (Serial Camera Control Bus) interface

• Electronic exposure / Gain / white balance control

• Image enhancement - brightness, contrast, gamma, saturation, sharpness, window, etc.

• Internal / external synchronization scheme

• Frame exposure / line exposure option

• 5 Volt operation, low power dissipation.



 




Similar Part No. - OV7620

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
CMOS Oscillator Low Power
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
569Kb / 5P
Low Power 32.768kHz SM Oscillator
OV7604C7/B GOLLEDGE-OV7604C7/B Datasheet
124Kb / 1P
CMOS Oscillator Low Power
OV7604C7 GOLLEDGE-OV7604C7_16 Datasheet
124Kb / 1P
CMOS Oscillator Low Power
OV7604C7 GOLLEDGE-OV7604C7_18 Datasheet
569Kb / 5P
Low Power 32.768kHz SM Oscillator
More results


Similar Description - OV7620

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0672 STMICROELECTRONICS-STV0672 Datasheet
25Kb / 2P
USB VGA Digital Camera Chipset
Oct-1999
logo
List of Unclassifed Man...
OV6620 ETC-OV6620 Datasheet
341Kb / 31P
SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
OV6630 ETC-OV6630 Datasheet
206Kb / 29P
SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
OV7910 ETC-OV7910 Datasheet
247Kb / 18P
SINGLE-CHIP CMOS COLOR PAL CAMERA
CH5001A ETC1-CH5001A Datasheet
136Kb / 34P
CMOS COLOR DIGITAL VIDEO CAMERA
logo
STMicroelectronics
VL6524 STMICROELECTRONICS-VL6524 Datasheet
715Kb / 70P
VGA single-chip camera module
06-Nov-2006
VS6525 STMICROELECTRONICS-VS6525 Datasheet
195Kb / 6P
VGA single-chip camera module
12-Jan-2007
logo
Pixart Imaging Inc.
PAC7311 PIXART-PAC7311 Datasheet
518Kb / 13P
VGA PC Camera Single-Chip
PAS202BCA PIXART-PAS202BCA Datasheet
124Kb / 15P
PAS202BCA SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBA SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PAS202BCB PIXART-PAS202BCB Datasheet
115Kb / 15P
PAS202BCB SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBB SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com