Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7620 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OV7620 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
2
Preliminary Company Confidential
SECTION 1
PRODUCT OVERVIEW
OV7620 is a highly integrated high resolution (640x480) Interlaced / Progressive Scan CMOS
digital color / black&white video camera chip. The digital video port supports 60Hz YCrCb 4:2:2
16Bit / 8 Bit format, ZV Port output format, RGB raw data 16Bit/8Bit output format and CCIR601/
CCIR656 format. The built-in SCCB (Serial Camera Control Bus) interface provides an easy way
of controlling the built-in camera functions.
1.1 FEATURES
• Single chip digital color/black&white video camera chip.
• Scanning - Interlaced / Progressive Scan.
• Format - 1/3” lens compatible.
• Image area -4.86X 3.64mm.
• Total active pixel elements - (H)664 x (V)492 square pixel.
• Default active pixel element -(H)640 x (V)480.
• Pixel size: 7.6 x 7.6um.
• 10Bit two channel internal A/D Converter and 8/10 Bit Output.
• PCLK and HREF polarity programmable.
• Digital Output format -
YCrCb 16bit/8bit selectable
60Hz 16 Bit YCrCb 4:2:2 - 640x480
60Hz 8 Bit YCrCb 4:2:2 - 640x480
RGB Raw Data Digital Output 16Bit/8Bit selectable
• Two-line output:
• Y Channel: B G B G B G ...
• UV Channel: G R G R G R ...
Two-line alternate output:
Y Channel: G G G G G G ...
UV Channel: B R B R B R ...
One-line output, use Y Channel only, effective only in Progressive Scan Mode
1st line: B G B G B G B G...
2nd line: G R G R G R G R ...
• CCIR601 /CCIR656 standard.
• YCrCB or YUV output format to support TV or monitor display
• ZV Port YUV 16 Bit format.
• QVGA format(320x240).
• Y/UV or RGB output byte MSB and LSB swap.
• SCCB interface, support fast mode: 400 kBit/s.
• External Field Sync input.
• External Horizontal / Vertical Sync input format, OV7620 worked as slave chip.
• Support external micro-controller and RAM interface
• Progressive Scan mode: support whole-frame exposure.
• Programmable frame rate - 0.5 to 30fps.
• Electronic shutter setting (use 27Mhz crystal and default clock rate).
Interlaced: 1/60 to 1/15734(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com