Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7620 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 39Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 40Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 41Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 42Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 43Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 44Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 45Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 46Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
43
Preliminary Company Confidential
V7-V0: V channel digital output offset adjustment. Range: +128mV ~ -128mV. If COMG2=0, this register
will be updated by internal auto A/D BLC circuit, and write a value to this register with SCCB
has no effect. If COMG2=1, V channel offset adjustment will use the register stored value
which can be changed by SCCB. If COMF1=1, this register has no effect to A/D output data. If
output raw data, this register will adjust R/G/B data.
V7: Offset adjustment direction: o - Add V[6:0]; 0-Substrate V[6:0].
If COMJ0 = 0, this register value is common to U and V channel.
Register 2F ~ 5F - w: Reserved
Address [2F] - [5F] are reserved for internal use.
Register 60- rw: Signal Process Control A
SPCA7: 1.5x gain boost.
SPCA6: Reserved.
SPCA5: “1” disables green averaging for UV channel.
SPCA4: “1” disables green averaging for lumninance channel.
SPCA<3:2> Reserved.
SPCA<1:0>: Reserved. Color set to “0111”; B&W set to “0000”.
Register 61- rw: Signal Process Control B
SPCB7: “1” YUV mode; “0” raw data mode.
SPCB6: Reserved. Always set to “0”.
SPCB5: Reserved. Always set to “0”.
SPCB4: Reserved. Always set to “0”.
SPCB3: Reserved. Always set to “0”.
SPCB2: Limits range of register [6] to half value.
SPCB<1:0>: Auto Brightness target reference level: (00) -- 0 IRE; (01) -- 6 IRE; (10) -- 10 IRE;
(11) -- 20 IRE.
Register [2E]- rw: V Channel Offset Adjustment
Bits
V7
V6
V5
V4
V3
V2
V1
V0
Default
1
0
0
0
0
0
0
0
Bits
SPCA7
SPCA6
SPCA5
SPCA4
SPCA3
SPCA2
SPCA1
SPCA0
Default
0
0
1
0
0
1
1
1
Bits
SPCB7
SPCB6
SPCB5
SPCB4
SPCB3
SPCB2
SPCB1
SPCB0
Default
1
0
0
0
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com