Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7620 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 17Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 18Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 19Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 20Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 21Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 22Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 23Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
20
Preliminary Company Confidential
1.8 Digital Output Format Table
Note: “Y” in the table means this combination is supported by OV7620.
1. RGB CCIR656 format means 4-byte SAV and EAV is inserted at the beginning and ending of
HREF, which are used to grab Vsync and Hsync information. So only use 8-bit data bus line and
don’t need VSYNC and CHSYNC signal line.
2. Y/UV swap is valid only in 8 bit output. Y channel output sequence is Y U Y V ... rather U Y V
Y ....
3. To YUV format, U/V swap means UV channel output sequence swap. V U V U ... rather U V
U V ... for 16 bit; V Y U Y ... rather U Y V Y ... for 8-bit.
4. To RGB format, U/V swap means neighbor row B R output sequence swap. So refer to preview
RGB raw data output format, different format change accordingly.
5. MSB/LSB swap means: Default Y/UV channel output port relationship is:
Table 1.5: Digital Output Format Type
Interlaced
Progressive Scan
Resolution
640x480
320x240
640x480
320x240
YUV 4:2:2
16Bit
Y
Y
Y
Y
8Bit
Y
Y
Y
Y
CCIR656
Y
Y
Y
Y
RGB
16Bit
Y
Y
Y
Y
8Bit
Y
Y
Y
Y
CCIR6561
Y
Y
Y
Y
Y/UV swap2
16Bit
-
-
-
-
8Bit
Y
Y
Y
Y
U/V swap
YUV3
Y
Y
Y
Y
RGB4
Y
Y
Y
Y
YG
16Bit
Y
Y
Y
Y
8Bit
-
-
-
-
One Line
16Bit
-
-
Y
-
8Bit
-
-
-
-
MSB/LSB swap5
Y
Y
Y
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com