Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7620 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
13
Preliminary Company Confidential
1.5 RGB Raw Data Format
RGB Raw data output from Y and UV port.
UV port output data sequence: G R G R G R ... or B R B R ...(refer to register 28 bit 2)
Y port output data sequence: B G B G B G ... or G G G G ...(refer to register 28 bit 2)
Array Color Filter Patter is Bayer-Pattern
1.5.1 Interlaced Mode 16 Bit Format (HREF total 242)
1.5.1.1 Default mode: In ODD FIELD, 1st HREF output UV channel is 2nd line: G21 R22 G23 R24... and Y channel
is Row 1: B11 G12 B13 G14 ... . 2nd HREF output UV channel output 4th line: G41 R42 G43 R44 ... and Y port output
3rd line: B31 G32 B33 G34 ... , so on. Data bus should be latched by PCLK rising edge and related to the exact phys-
ical position In Even FIELD, 1st HREF Y channel output B31 G32 B33 G34 ... and UV channel output G21 R22 G23
R24 ...2nd HREF Y channel output B51 G52 B53 G54 ... and UV output G41 R42 G43 R44 ....
1.5.1.2 YG mode: In ODD FIELD, 1st HREF Y channel output G21 G12 G23 G14 ... and UV channel is B11 R22 B13
R24 .... 2nd HREF Y channel output G41 G32 G43 G34 ... and UV channel output B31 R42 B33 R44 .... In EVEN
FIELD, 1st HREF Y channel output G21 G32 G23 G34 ... and UV channel output B31 R22 B33 R24 ... 2nd HREF
channel output G41 G52 G43 G54 ... and UV channel output B51 R42 B53 R44 ...
Table 1.3:
R\C
1
2
3
4
.
641
642
643
644
1
B11
G12
B13
G14
B
G
B
G
2
G21
R22
G23
R24
G
R
G
R
3
B31
G32
B33
G34
B
G
B
G
4
G41
R42
G43
R44
G
R
G
R
5
B51
G52
B53
G54
B
G
B
G
.
481
B
G
B
G
B
G
B
G
482
G
R
G
R
G
R
G
R
483
B
G
B
G
B
G
B
G
484
G
R
G
R
G
R
G
R
485
B
G
B
G
B
G
B
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com