Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7620 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 42Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 43Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 44Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 45Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 46Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 47Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 48Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 49Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
46
Preliminary Company Confidential
Register 69- rw: Analog Sharpness
EDGE<7:3> Reserved.
EDGE2: Vertical Edge Enhancement enable. Register 20:5 must be set to “1”.
EDGE<1:0>: Reserved.
Register 6A- rw: Vertical Edge Enhancement Control
VEG<6:4>: Vertical Edge Enhancement threshold range
VEG<3:0>: Vertical Edge Enhancement magnitude value. 0000: weakest; 1111: strongest.
Register 6B-6E rw: Reserved
Address [6B] - [6E] are reserved for internal use.
Register 6F - rw: Even/Odd Noise Compensation Control
EOC<7:6>: Reserved.
EOC<5:4>: Color Kill luminance threshold selection: 00 - none; 01 - 2.6v; 10 - 2.4v; 11 - 2.3v. Lower lumi-
nance selection will activate color kill.
EOC<3:0>: Set to factory recomended values.
Bits
EDGE7
EDGE6
EDGE5
EDGE4
EDGE3
EDGE2
EDGE1
EDGE0
Default
0
1
1
1
0
0
1
0
Bits
VEG7
VEG6
VEG5
VEG4
VEG3
VEG2
VEG1
VEG0
Default
-
1
0
0
0
0
1
0
Bits
EOC7
EOC6
EOC5
EOC4
EOC3
EOC2
EOC1
EOC0
Default
-
-
1
1
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com