Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7620 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 36Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 37Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 38Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 39Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 40Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 41Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 42Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 43Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
40
Preliminary Company Confidential
Register 25- rw: AEC Auto Exposure Black Pixel Ratio
AEB7-AEB0 - used to calculate the black pixel ratio. OV7620 AEC algorithm is count whole field/frame
white pixel (its luminance level is higher than a fixed level) and black pixel (its luminance level
is lower than a fixed level) number. When white/black pixel ratio is same as the ratio defined
by registers [25] and [26], image stable. This register is used to define black pixel ratio, default
is 75%, each LSB represent step: Interlaced: 1.3%; Progressive Scan: 0.7%. Change range is:
Interlaced: [01] ~ [4A]; Progressive Scan: [01] ~ [96]. Increase AEB<7:0> will increase black
pixel ratio. For same light condition, the image brightness will decrease if AEB<7:0> increase.
Note: AEB<7:0> must combined with register [25] AEW<7:0>. Keep the relation always true: AEW<7:0> +
AEB<7:0> > [4D] for Interlaced; AEW<7:0> + AEB<7:0> > [90].
Register 26 - rw: Common control F
COMF7 - COMF6: Digital Sharpness threshold selection.
[00] - Difference of neighbor pixel luminance is larger than 8 mV, correction on.
[01] - 16 mV.
[10] - 32 mV.
[11] - 64 mV.
COMF5 - COMF4: Digital Sharpness Magnitude selection.
[01] - Strength is 50% of difference of neighbor pixel luminance.
[10] - 100%.
[11] - 200%.
COMF3 - Reserved
COMF2 - Swap bus MSB/LSB. “1” LSB->Bit7, MSB->Bit0; “0” normal.
COMF1 - “1” A/D Black level calibration enable. Do not use “0”.
COMF0 - “1” Output first 4 line black level for Interlaced Mode and 8 line black level for Progressive Scan
Mode before valid data output. HREF number will increase 4/8 relatively. “0” no black level
output.
Bits
AEB7
AEB6
AEB5
AEB4
AEB3
AEB2
AEB1
AEB0
Interlace
0
1
0
0
1
0
1
0
Progressive Scan
1
0
0
0
1
0
1
0
Bits
COMF7
COMF6
COMF5
COMF4
COMF3
COMF2
COMF1
COMF0
Default
1
0
1
0
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com