Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7620 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 41Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 42Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 43Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 44Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 45Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 46Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 47Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 48Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
45
Preliminary Company Confidential
Register 66- rw: AWB Process Control
White balance limiting function - YUV matrix control.
Register 74:7 must be enabled for AWB process control.
AWBC<7:6>: Smart AWB ignores RGB raw data pixel values above (00):70%, (01): 80%, (10): 90%,
(11):100%.
AWBC<5:4>: Smart AWB ignores RGB raw data pixel values below (00):10%, (01) 20%, (10) 30%,
(11) 40%.
AWBC<3:2>: U threshold level selection if use U/V as white balance feedback
00: (-10% ~ 10%); 01: (-20% ~ 20%); 10: (-30% ~ 30%); 11: (-40% ~ 40%)
AWBC<1:0>: V threshold level selection if use U/V as white balance feedback
00: (-10% ~ 10%); 01: (-20% ~ 20%); 10: (-30% ~ 30%); 11: (-40% ~ 40%)
Register 67- rw: Color Space Selection
YUV<7:6>: UV coefficient selection (U/V is output and u/v is input)
• [00]: YUV
• [01]: Analog YUV
• [10]: CCIR 601 YCrCb
• [11]: PAL YUV
YUV5: U/V signal delay 2 pixel selection
YUV4: U/V signal with 3 point chroma average(2 pixel delay accordingly)
YUV<3:2>: Y signal delay selection: (00) - 0; (01) - 1; (10) - 2; (11) - 3 pixels
YUV1: Auto saturation control (decreases color noise) enable.
YUV0: Auto saturation control range selection: 0 - 1.5x; 1 - 1x.
Register 68- rw: Signal Process Control D
SPCD<7:5>: AEC/AGC Brighness Target level selection.
000 - 10%; 001 - 30%; 010 - 50%; 011 - 70%; 100 - 80%; 101 - 90%; 110 - 100%; 111 - 110%.
SPCD4: Reserved. Always set to “0”.
SPCD<3:2>: Anti-alias threshold: 11 lowest threshold; 01, 10 midrange threshold; 00 highest threshold.
SPCD<1:0>: Anti-alias magnitude: 00 - low strength; 01, 10 mid strength; 11:high strength.
Bits
AWBC7
AWBC6
AWBC5
AWBC4
AWBC3
AWBC2
AWBC1
AWBC0
Default
0
1
0
1
0
1
0
1
Bits
YUV7
YUV6
YUV5
YUV4
YUV3
YUV2
YUV1
YUV0
Default
0
0
0
1
1
0
1
0
Bits
SPCD7
SPCD6
SPCD5
SPCD4
SPCD3
SPCD2
SPCD1
SPCD0
Default
1
1
0
0
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com