Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7620 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 17Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 18Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 19Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 20Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
17
Preliminary Company Confidential
Note: In Interlaced Mode, there are Even/Odd field different (t8). When In Progressive Scan Mode, only
frame timing same as Even field(t8).
After VSYNC falling edge, OV7620 will output black reference level, the line number is Tvs,
which is the line number between the 1st HREF rising edge after VSYNC falling edge and 1st
valid data CHSYNC rising edge. Then valid data, then black reference, line number is Tve, which
is the line number between last valid data CHSYNC rising edge and 1st CHSYNC rising edge
after VSYNC rising edge. The black reference output line number is dependent on vertical win-
dow setting.
When in default setting, Tvs = 14*Tline, which is changed with register register 19<7:0>. If in
Interlaced Mode, register 19<7:0> change 1 step, Tvs increase 1 line. If in Progressive Scan
Mode, register 19<7:0> step equal to 2 line.
When in default setting, Tve = 4*Tline for Odd Field, Tve = 3*Tline for Even Field, which is
changed with register register 1A<7:0>. If in Interlaced Mode, register 1A<7:0> change 1 step,
Tve increase 1 line. If in Progressive Scan Mode, register 1A<7:0> step equal to 2 line.
In Progressive Scan Mode, Tve = 3*Tline and Tvs = 35*Tline.
Table 1.4: ZV Port AC Parameter
Symbol
Parameter
Min.
Max.
t1
PCLK fall timing
4 ns
8 ns
t2
PCLK low time
30 ns
t3
PCLK rise time
4 ns
8 ns
t4
PCLK high time
30 ns
t5
PCLK period
74 ns
t6
Y/UV/HREF setup time
10 ns
t7
Y/UV/HREF hold time
20 ns
t8
VSYNC setup/hold time to HREF
1 us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com