Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7620 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 35Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 36Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 37Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 38Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 39Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 40Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 41Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 42Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
39
Preliminary Company Confidential
U6-U0: U channel digital output offset adjustment. Range: +128mV ~ -128mV. If register 27 bit 2=0, this
register will be updated by internal auto A/D BLC circuit, and write a value to this register with
SCCB has no effect. If register 27 bit 2=1, U channel offset adjustment will use the register
stored value which can be changed by SCCB. If register 26 bit 1=1, this register has no effect
to A/D output data. If output RGB raw data, this register will adjust R/G/B data.
U7: Offset adjustment direction: 0 - Add U[6:0]; 1 -Subtract U[6:0].
If register 2D bit 0 = 0, this register has no function.
Register 23- rw: Crystal Current control.
CC7 - CC6: Crystal amplifier current gain. (00) maximum current; (11) minimum current
CC5 ~ CC0: Reserved
Register 24- rw: AEW Auto Exposure White Pixel Ratio
Registers 24 and 25 together control the AEC target values for image brightness.
For a brighter image, increase register 24 and decrease register 25.
For a darker image, decrease register 24 and decrease reister 25.
AEW7-AEW0 - used to calculate the white pixel ratio. OV7620 AEC algorithm counts the whole field/frame
white pixel (its luminance level is higher than a fixed level) and black pixel (its luminance level
is lower than a fixed level) number. When white/black pixel ratio is same as the ratio defined
by registers [25] and [26], image stable. This register is used to define the white pixel ratio,
default is 25%, each LSB represent step: Interlaced: 1.3%; Progressive Scan: 0.7%. Change
range is: Interlaced: [01] ~ [4A]; Progressive Scan: [01] ~ [96]. Increase AEW<7:0> will
increase the white pixel ratio. For same light condition, the image brightness will increase if
AEW<7:0> increase.
Note: AEW<7:0> must combined with register [26] AEB<7:0>. Keep the relation always true: AEW<7:0> +
AEB<7:0> > [4A] for Interlaced; AEW<7:0> + AEB<7:0> > [90].
Register 22- rw: U Channel Offset Adjustment
Bits
U7
U6
U5
U4
U3
U2
U1
U0
Default
1
0
0
0
0
0
0
0
Bits
CC7
CC6
CC5
CC4
CC3
CC2
CC1
CC0
Default
0
0
0
-
-
-
-
-
Bits
AEW7
AEW6
AEW5
AEW4
AEW3
AEW2
AEW1
AEW0
Interlace
0
0
0
0
1
0
0
0
Progressive Scan
0
0
0
1
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com