Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7620 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 43Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 44Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 45Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 46Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 47Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 48Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 49Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 50Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
47
Preliminary Company Confidential
Register 70 - rw: Common Control K
COMK7 - “1” HREF edges coincident (no delay) with PCLK negative/falling edges (COMD6 must be set to
“0”). “0” HREF edge occurs 10 ns after PCLK positive/rising edge.
COMK6 - Output port drive current additional 2x control bit.
COMK5 - Reserved.
COMK4 - Selects ZV port timing. “1” VSYNC output ZV port vertical sync signal. “0” normal TV vertical
sync signal.
COMK3 - Accelerated saturation mode for camera mode change. (QVGA, 8 Bit output, CCIR 656 mode
and Progressive Scan Mode). After relative control bit set, the first VS will be the stable image
with suitable AEC/AWB setting. “0” - slow mode, after mode change need more field/frame to
get stable AEC/AWB setting image.
COMK2 - Reserved.
COMK1 - AWB update rate selection. “1” fast mode; “0” slow mode.
COMK0 - Set to “1” in single line mode, otherwise set to “0” and set COMG4 to disable.
Register 71 - rw: Common Control J
COML7 - Auto Brightness update rate: “1” - Slow mode; “0” - fast mode.
COML6 - Gated PCLK selection. “1” - Enables PCLK gated by HREF; “0” - PCLK is free running clock
COML5 - Swap HREF output pin with CHSYNC. “1” - HREF pin output CHSYNC signal; “0” - No swap.
COML4 - Swap CHSYNC output pin with HREF. “1” - CHSYNC pin output HREF signal; “0” - normal out-
put.
COML<3:2>- Highest 2 bit for HSYNC rising edge shift control, combined with register [72]
COML<1:0>- Highest 2 bit for HSYNC falling edge shift control, combined with register [73]
Register 72- rw: Horizontal Sync 1st Edge shifting
HSDY<7:0> - Lower 8 bit control for shifting horizontal sync CHSYNC first edge. Range is [000] - [3FF].
Every count equals 1 PCLK.
Bits
COMK7
COMK6
COMK5
COMK4
COMK3
COMK2
COMK1
COMK0
Default
1
0
0
0
0
0
0
1
Bits
COML7
COML6
COML5
COML4
COML3
COMK2
COML1
COML0
Default
0
0
0
0
0
0
0
0
Bits
HSDY7
HSDY6
HSDy5
HSDY4
HSDY3
HSDY2
HSDY1
HSDY0
Default
0
0
0
1
0
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com