Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7620 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 40Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 41Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 42Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 43Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 44Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 45Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 46Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 47Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
44
Preliminary Company Confidential
Register 62- rw: RGB Gamma Control
RGM<7:1> raw data or UV gamma curve selection.
RGM0: Reserved. Always set to “0”.
Register 63- rw: Reserved
Address [63] are reserved for internal use.
Register 64- rw: Y Gamma Control
YGM<7:1>: Y gamma curve selection.
YGM<0>: “1” enable; “0” disable (linear).
Register 65- rw: Signal Process Control C
SPCC<7:3> Reserved.
SPCC2: A/D mode selection. Increase A/D range by 1.5X
SPCC<1:0>: A/D reference selection. <00>: input signal range 0.9V; <01>: 1.0V peak
<10>: 1.15V peak; <11>: 1.26V peak. Do not use <00> selection.
Bits
RGM7
RGM6
RGM5
RGM4
RGM3
RGM2
RGM1
RGM0
Default
0
0
0
1
0
0
1
0
Bits
YGM7
YGM6
YGM5
YGM4
YGM3
YGM2
YGM1
YGM0
Default
0
1
0
1
1
0
0
1
Bits
SPCC7
SPCC6
SPCC5
SPCC4
SPCC3
SPCC2
SPCC1
SPCC0
Default
0
1
0
0
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com