Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7620 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 37Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 38Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 39Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 40Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 41Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 42Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 43Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 44Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
41
Preliminary Company Confidential
Register 27 - rw: Common control G
COMG7: Reserved.
COMG6: Reserved.
COMG5: Reserved.
COMG4: RGB matrix disable. “1” - Bypass RGB matrix. “0” - Enable RGB matrix.
COMG3: Reserved.
COMG2: “1” Enables manual adjustment of A/D offset: 1 - A/D data will add or subtract a value defined by
registers [21] and [22]. 0 - A/D data will be shifted by a value defined by registers [21], [22] and
[2E], which is updated by internal circuit.
COMG1: - Disables CCIR range clip.
COMG0: - Special interface for external micro-controller and RAM timing control. See timing chart.
Register 28 - rw: Common control H
COMH7: - “1” selects One-Line RGB raw data output format, “0” selects normal dual-line (repetitive) raw
data output, effective only in Progressive Scan mode.
COMH6: - “1” enable Black/White mode.
COMH5: - “1” select Progressive Scan mode; “0” select Interlaced mode.
COMH4: - Freeze AEC/AGC value - current values retained. This is effective only when register 13 bit 0=1.
COMH3: - AGC disable.
COMH2: - Raw data output format: “1” - Green on Y channel, B R B R....on UV channel (GRB422), “0” - G
R G R.... on Y channel, B G B G..... on UV channel.
COMH1: - 2x Gain boost. “1” Double PreAmp gain to 6dB. “0” PreAmp gain is 0dB.
COMH0: - Reserved.
Register 29 - rw: Common control I
COMI7: - AEC disable. “1” If register 13 bit 0=1, AEC stop and register [10] value will be held at last AEC
value and not be updated by internal circuit. “0” - if register 13 bit 0=1, register [10] value will
be updated by internal circuit
COMI6: - Enable slave sync mode selection. “1” slave mode, use external CHSYNC and VSYNC.
“0” master mode
COMI<5:4> - Reserved.
COMI3: - Central weighted exposure control.
COMI2: - Reserved.
COMI1 - COMI0: Version flag.
Bits
COMG7
COMG6
COMG5
COMG4
COMG3
COMG2
COMG1
COMG0
Default
1
1
1
0
0
0
1
0
Bits
COMH7
COMH6
COMH5
COMH4
COMH3
COMH2
COMH1
COMH0
Default
0
0
0
0
0
0
0
0
Bits
COMI7
COMI6
COMI5
COMI4
COMI3
COMI2
COMI1
COMI0
Default
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com