Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7620 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # OV7620
Description  OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7620 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button OV7620 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 17Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 18Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 19Page - List of Unclassifed Manufacturers OV7620 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
OV7620 Product Specifications - Rev. 1.2 (5/13/00)
OMNIVISION TECHNOLOGIES INC.
16
Preliminary Company Confidential
1.6 ZV Port Interlace Timing
The ZV Port is a single-source uni-directional video bus between a PC Card socket and a VGA
controller. The ZV Port complies with CCIR601 timing to allow NTSC decoders to deliver real-
time digital video straight into the VGA frame buffer from a PC Card. OV7620 support ZV Port
Timing, which output signal can be output to a PC Card directly, then to VGA controller. The tim-
ing is as below:
FIG 1.4 ZV Port Timing
Notes: ZV Port format output signal include:
VSYNC: Vertical sync pulse.
HREF: Horizontal valid data output window.
PCLK: Pixel clock used to clock valid data and CHSYNC into ZV Port. Default frequency is 13.5MHz when
use 27MHz as system clock. Rising edge of PCLK is used to clock the 16 Bit data.
Y<7:0>: 8 Bit luminance data bus..
UV<7:0>: 8 Bit chrominance data bus.
All Timing Parameters is list in following table.‘
VSYNC
PCLK
Y<7:0>
UV<7:0>
/
HREF
639 640
t8
t8
Even Field 1(FODD=0)
Odd Field(FODD=1)
t6
t7
t1
t2
t3
t4
Horizontal Timing
VSYNC
Y<7:0>/
UV<7:0>
Valid Data
1 Line
Tvs
Tve
t5
Tline
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com