Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24C08C Datasheet (PDF) - Seiko Instruments Inc

S-24C08C Datasheet PDF - Seiko Instruments Inc
Part # S-24C08C
Download  S-24C08C Download
File Size   1894.25 Kbytes
Page   33 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description Write protect function during the low power supply voltage

S-24C08C Datasheet (PDF)

Go To PDF Page Download Datasheet
S-24C08C Datasheet PDF - Seiko Instruments Inc

Part # S-24C08C
Download  S-24C08C Click to download

File Size   1894.25 Kbytes
Page   33 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description Write protect function during the low power supply voltage

S-24C08C Datasheet (HTML) - Seiko Instruments Inc


S-24C08C Product details

2-WIRE SERIAL E2PROM

The S-24C08C is a 2-wire, low current consumption and wide range operation serial E2PROM. The S-24C08C has the capacity of 8 K-bit, and the organization is 1024 words × 8-bit. Page write and sequential read are available.

Features
• Operating voltage range Read: 1.6 V to 5.5 V
                                          Write: 1.7 V to 5.5 V
• Page write: 16 bytes / page
• Sequential read
• Operation frequency: 400 kHz (VCC = 1.6 V to 5.5 V)
• Write time: 5.0 ms max.
• Noise suppression Schmitt trigger and noise filter on input pins (SCL, SDA)
• Write protect function during the low power supply voltage
• Endurance: 106cycles / word*1 (Ta = +25°C)
• Data retention: 100 years (Ta = +25°C)
• Memory capacity: 8 K-bit
• Write protect: 100%
• Initial delivery data: FFh
• Lead-free, halogen-free
*1. For each address (Word: 8-bit)




Similar Part No. - S-24C08C

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-24C08C ABLIC-S-24C08C Datasheet
449Kb / 33P
2-WIRE SERIAL E2PROM
Rev.1.0_01_H
S-24C08CH ABLIC-S-24C08CH Datasheet
528Kb / 38P
FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
More results


Similar Description - S-24C08C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
Write protect function during the low power supply voltage
S-24C128C SII-S-24C128C Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-24C512C SII-S-24C512C Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-24CM01C SII-S-24CM01C Datasheet
1Mb / 32P
Write protect function during the low power supply voltage
S-25A010A SII-S-25A010A Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
Write protect function during the low power supply voltage
S-25C256A SII-S-25C256A Datasheet
1Mb / 31P
Write protect function during the low power supply voltage
S-25C512A SII-S-25C512A Datasheet
1Mb / 31P
Write protect function during the low power supply voltage
S-93C46CD0I-J8T1U3 SII-S-93C46CD0I-J8T1U3 Datasheet
2Mb / 39P
Write protect function during the low power supply voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com