Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-24CM01C Datasheet (PDF) - Seiko Instruments Inc

S-24CM01C Datasheet PDF - Seiko Instruments Inc
Part # S-24CM01C
Download  S-24CM01C Download
File Size   1851.96 Kbytes
Page   32 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description Write protect function during the low power supply voltage

S-24CM01C Datasheet (PDF)

Go To PDF Page Download Datasheet
S-24CM01C Datasheet PDF - Seiko Instruments Inc

Part # S-24CM01C
Download  S-24CM01C Click to download

File Size   1851.96 Kbytes
Page   32 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description Write protect function during the low power supply voltage

S-24CM01C Datasheet (HTML) - Seiko Instruments Inc


S-24CM01C Product details

2-WIRE SERIAL E2PROM

The S-24CM01C is a 2-wire, low current consumption and wide range operation serial E2PROM. The S-24CM01C has the capacity of 1 M-bit, and the organization is 131072 words × 8-bit. Page write and sequential read are available.

Features
• Operating voltage range Read: 1.6 V to 5.5 V
                                          Write: 1.7 V to 5.5 V
• Page write: 256 bytes / page
• Sequential read
• Operation frequency: 1.0 MHz (VCC = 2.5 V to 5.5 V)
                                     400 kHz (VCC = 1.6 V to 2.5 V)
• Write time: 5.0 ms max.
• Noise suppression: Schmitt trigger and noise filter on input pins (SCL, SDA)
• Write protect function during the low power supply voltage
• Endurance: 106cycles / unit*1 (Ta = +25°C)
• Data retention: 100 years (Ta = +25°C)
• Memory capacity: 1 M-bit
• Write protect: 100%
• Initial shipment data: FFh
• Lead-free (Sn 100%), halogen-free*2

*1. For each unit (unit: the 4 bytes with the same address of P0, W15 to W2)
*2. Refer to “■ Product Name Structure” for details.




Similar Part No. - S-24CM01C

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-24CM01C ABLIC-S-24CM01C Datasheet
465Kb / 32P
2-WIRE SERIAL E2PROM
Rev.2.0_03_S
More results


Similar Description - S-24CM01C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C08C SII-S-24C08C Datasheet
1Mb / 33P
Write protect function during the low power supply voltage
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
Write protect function during the low power supply voltage
S-24C128C SII-S-24C128C Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-24C512C SII-S-24C512C Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-25A010A SII-S-25A010A Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
Write protect function during the low power supply voltage
S-25C256A SII-S-25C256A Datasheet
1Mb / 31P
Write protect function during the low power supply voltage
S-25C512A SII-S-25C512A Datasheet
1Mb / 31P
Write protect function during the low power supply voltage
S-93C46CD0I-J8T1U3 SII-S-93C46CD0I-J8T1U3 Datasheet
2Mb / 39P
Write protect function during the low power supply voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com