Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-25C320A Datasheet (PDF) - Seiko Instruments Inc

S-25C320A Datasheet PDF - Seiko Instruments Inc
Part # S-25C320A
Download  S-25C320A Download
File Size   1883.55 Kbytes
Page   39 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description Write protect function during the low power supply voltage

S-25C320A Datasheet (PDF)

Go To PDF Page Download Datasheet
S-25C320A Datasheet PDF - Seiko Instruments Inc

Part # S-25C320A
Download  S-25C320A Click to download

File Size   1883.55 Kbytes
Page   39 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description Write protect function during the low power supply voltage

S-25C320A Datasheet (HTML) - Seiko Instruments Inc


S-25C320A Product details

The S-25C320A/640A is a SPI serial E2PROM which operates at high speed, with low current consumption and the wide range operation. The S-25C320A/640A has the capacity of 32 K-bit and 64 K-bit, and the organization is 4096 words × 8-bit, 8192 words × 8-bit. Page write and sequential read are available.

Features
• Operating voltage range:
   Read 1.6 V to 5.5 V
   Write 1.7 V to 5.5 V
• Operation frequency 5.0 MHz (VCC = 2.5 V to 5.5 V)
• Write time: 5.0 ms max.
• SPI mode (0, 0) and (1, 1)
• Page write: 32 bytes / page
• Sequential read
• Write protect: Software, Hardware Protect area: 25%, 50%, 100%
• Monitors Write to the memory by a status register
• Function to prevent malfunction by monitoring clock pulse
• Write protect function during the low power supply voltage
• CMOS schmitt input ( CS , SCK, SI, WP , HOLD )
• Endurance: 106cycles / word*1 (Ta = +25°C)
• Data retention: 100 years (Ta = +25°C)
• Memory capacity:
   S-25C320A 32 K-bit
   S-25C640A 64 K-bit
• Initial delivery state: FFh, SRWD = 0, BP1 = 0, BP0 = 0
• Operation temperature range: Ta = −40°C to +85°C
• Lead-free (Sn 100%), halogen-free*2




Similar Part No. - S-25C320A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-25C320A ABLIC-S-25C320A Datasheet
588Kb / 39P
SPI SERIAL E2PROM
Rev.4.2_03_H
logo
Seiko Instruments Inc
S-25C320A-H SII-S-25C320A-H Datasheet
1Mb / 31P
OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C320A0H-J8T2U3 SII-S-25C320A0H-J8T2U3 Datasheet
1Mb / 31P
OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
logo
ABLIC Inc.
S-25C320AH ABLIC-S-25C320AH Datasheet
484Kb / 34P
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.3.0_01_H
More results


Similar Description - S-25C320A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
Write protect function during the low power supply voltage
S-24C128C SII-S-24C128C Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-24C512C SII-S-24C512C Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-24CM01C SII-S-24CM01C Datasheet
1Mb / 32P
Write protect function during the low power supply voltage
S-25A010A SII-S-25A010A Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
Write protect function during the low power supply voltage
S-25C256A SII-S-25C256A Datasheet
1Mb / 31P
Write protect function during the low power supply voltage
S-25C512A SII-S-25C512A Datasheet
1Mb / 31P
Write protect function during the low power supply voltage
S-93C46CD0I-J8T1U3 SII-S-93C46CD0I-J8T1U3 Datasheet
2Mb / 39P
Write protect function during the low power supply voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com