Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150 Datasheet (PDF) - TE Connectivity Ltd

150 Datasheet PDF - TE Connectivity Ltd
Part # 150
Download  150 Download
File Size   563.76 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Limiting continuous current 130A at 85째C

150 Datasheet (PDF)

Go To PDF Page Download Datasheet
150 Datasheet PDF - TE Connectivity Ltd

Part # 150
Download  150 Click to download

File Size   563.76 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Limiting continuous current 130A at 85째C

150 Datasheet (HTML) - TE Connectivity Ltd




Similar Part No. - 150

ManufacturerPart #DatasheetDescription
logo
Littelfuse
150 LITTELFUSE-150 Datasheet
48Kb / 2P
MINIATURE FUSES - 5x15 mm
logo
Productwell Precision E...
150 PRODUCTWELL-150 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
List of Unclassifed Man...
150 ETC2-150 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
logo
SUNMATE electronic Co.,...
150 SUNMATE-150 Datasheet
110Kb / 2P
1.3 Watts Axial Leaded Zener Diodes
logo
Cornell Dubilier Electr...
150 CDE-150 Datasheet
391Kb / 4P
Available on tape and reel or bulk
More results


Similar Description - 150

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1393277-8 MACOM-1393277-8 Datasheet
748Kb / 5P
Limiting continuous current 45A
logo
List of Unclassifed Man...
V23076A1022C133 ETC2-V23076A1022C133 Datasheet
889Kb / 4P
Limiting continuous current 45A
logo
Nichicon corporation
LLS2G101MELZ NICHICON-LLS2G101MELZ Datasheet
77Kb / 5P
Withstanding 3000 hours application of rated ripple current at 85째C.
logo
Jianghai Europe GmbH
CD895ZK JIANGHAI-CD895ZK Datasheet
694Kb / 10P
14 000h at 85째C
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
4000h at 85째C
CD840ZQ JIANGHAI-CD840ZQ Datasheet
643Kb / 8P
10 000h at 85째C
CD801ZP JIANGHAI-CD801ZP Datasheet
643Kb / 8P
10 000h at 85째C
logo
TE Connectivity Ltd
EVC-250 TEC-EVC-250 Datasheet
299Kb / 3P
Limiting continuous current 250A at 85째C
logo
Tyco Electronics
1308028-2 MACOM-1308028-2 Datasheet
349Kb / 6P
Limiting continuous current 32 A at 85째C
logo
STMicroelectronics
STEVAL-ILL054V2 STMICROELECTRONICS-STEVAL-ILL054V2 Datasheet
218Kb / 4P
Internal current limiting
27-May-2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com