Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVC-250 Datasheet (PDF) - TE Connectivity Ltd

EVC-250 Datasheet PDF - TE Connectivity Ltd
Part # EVC-250
Download  EVC-250 Download
File Size   299.59 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Limiting continuous current 250A at 85째C

EVC-250 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVC-250 Datasheet PDF - TE Connectivity Ltd

Part # EVC-250
Download  EVC-250 Click to download

File Size   299.59 Kbytes
Page   3 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Limiting continuous current 250A at 85째C

EVC-250 Datasheet (HTML) - TE Connectivity Ltd




Similar Part No. - EVC-250

ManufacturerPart #DatasheetDescription
logo
GREEGOO Electric Co.,Lt...
EVC1-630A GREEGOO-EVC1-630A Datasheet
546Kb / 6P
Single Phase Vacuum Contactor/EVC1-630A
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
Vacuum Contactors
logo
Sensata Technologies, I...
EVCC SENSATA-EVCC Datasheet
178Kb / 1P
ELECTRIC VEHICLE COMMUNICATION CONTROLLER
Rev:06/11/24
logo
Littelfuse
EVCC-01 LITTELFUSE-EVCC-01 Datasheet
879Kb / 4P
EVCC-01 Series
Revised: 11/12/2025
logo
Schneider Electric
EVCP040D7IP31 SCHNEIDER-EVCP040D7IP31 Datasheet
97Kb / 2P
Electronic VAR control 40 amp 600-690 VAC IP31 Enclosure
More results


Similar Description - EVC-250

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1393277-8 MACOM-1393277-8 Datasheet
748Kb / 5P
Limiting continuous current 45A
logo
List of Unclassifed Man...
V23076A1022C133 ETC2-V23076A1022C133 Datasheet
889Kb / 4P
Limiting continuous current 45A
logo
Nichicon corporation
LLS2G101MELZ NICHICON-LLS2G101MELZ Datasheet
77Kb / 5P
Withstanding 3000 hours application of rated ripple current at 85째C.
logo
Jianghai Europe GmbH
CD895ZK JIANGHAI-CD895ZK Datasheet
694Kb / 10P
14 000h at 85째C
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
4000h at 85째C
CD840ZQ JIANGHAI-CD840ZQ Datasheet
643Kb / 8P
10 000h at 85째C
CD801ZP JIANGHAI-CD801ZP Datasheet
643Kb / 8P
10 000h at 85째C
logo
TE Connectivity Ltd
150 TEC-150 Datasheet
563Kb / 3P
Limiting continuous current 130A at 85째C
logo
Tyco Electronics
1308028-2 MACOM-1308028-2 Datasheet
349Kb / 6P
Limiting continuous current 32 A at 85째C
logo
STMicroelectronics
STEVAL-ILL054V2 STMICROELECTRONICS-STEVAL-ILL054V2 Datasheet
218Kb / 4P
Internal current limiting
27-May-2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com