Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49F040-12JC Datasheet (PDF) - ATMEL Corporation

AT49F040-12JC Datasheet PDF - ATMEL Corporation
Part # AT49F040-12JC
Download  AT49F040-12JC Download
File Size   232.27 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory

AT49F040-12JC Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49F040-12JC Datasheet PDF - ATMEL Corporation

Part # AT49F040-12JC
Download  AT49F040-12JC Click to download

File Size   232.27 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory

AT49F040-12JC Datasheet (HTML) - ATMEL Corporation


AT49F040-12JC Product details

Description
The AT49F040 is a 5-volt-only in-system Flash Memory. Its 4 megabits of memory is organized as 524,288 words by 8 bits. Manufactured with Atmel’s advanced nonvola tile CMOS technology, the device offers access times to 70 ns with power dissipation of just 275 mW over the commercial temperature range. When the device is dese lected, the CMOS standby current is less than 100 µA.
The device contains a user-enabled “boot block” protection feature. Two versions of the feature are available: the AT49F040 locates the boot block at lowest order addresses (“bottom boot”); the AT49F040T locates it at highest order addresses (“top boot”).
To allow for simple in-system reprogrammability, the AT49F040 does not require high input voltages for programming. Five-volt-only commands determine the read and programming operation of the device. Reading data out of the device is similar to reading from an EPROM.

Features
• Single Voltage Operation
   – 5V Read
   – 5V Reprogramming
• Fast Read Access Time - 70 ns
• Internal Program Control and Timer
• 16K bytes Boot Block With Lockout
• Fast Erase Cycle Time - 10 seconds
• Byte By Byte Programming - 50 µs/Byte
• Hardware Data Protection
• DATA Polling For End Of Program Detection
• Low Power Dissipation
   – 50 mA Active Current
   – 100 µA CMOS Standby Current
• Typical 10,000 Write Cycles




Similar Part No. - AT49F040-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040-12JC ATMEL-AT49F040-12JC Datasheet
229Kb / 10P
4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040-12JC ATMEL-AT49F040-12JC Datasheet
245Kb / 10P
4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
More results


Similar Description - AT49F040-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C040A ATMEL-AT29C040A Datasheet
234Kb / 11P
4-Megabit 512K x 8 5-volt Only 256-Byte Sector CMOS Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
512K 64K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
logo
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
4-megabit (512K x 8) 5-volt Only Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com