Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDU Datasheet (PDF) - Cooper Bussmann, Inc.

KDU Datasheet PDF - Cooper Bussmann, Inc.
Part # KDU
Download  KDU Download
File Size   716.39 Kbytes
Page   6 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description 250V and 600V cable limiters

KDU Datasheet (PDF)

Go To PDF Page Download Datasheet
KDU Datasheet PDF - Cooper Bussmann, Inc.

Part # KDU
Download  KDU Click to download

File Size   716.39 Kbytes
Page   6 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description 250V and 600V cable limiters

KDU Datasheet (HTML) - Cooper Bussmann, Inc.


KDU Product details

Product description:
Cable limiters are intended to provide shortcircuit protection to electrical systems, typically between the transformer and service entrance. Should a short-circuit occur, the cable limiter removes the affected cable(s) from service and permits the other conductors to continue delivering power.

Features and benefits:
• Cable limiters enhance multi-conductor
   system reliability by isolating faulted
   conductors and taking them offline while
   the balance of the conductors continue
   delivering power to their circuits. This is why
   cable limiters are often used in utility low
   voltage networks and large multi-cable per
   phase service entrances.
• Cable limiters enhance service entrance
   conductor short-circuit protection with
   current-limiting performance that exceed
   the typical protection offered by utility
   overcurrent protective devices.
• Cable limiters meet many system
   requirements with 250Vac or 600Vac
   ratings for conductor sizes from 12AWG to
   1000kcmil and terminal options available that
   make them easy to install including: tubeto-tube (crimp), tube-to-bolt (crimp/bolt-in),
   compression rod-to-tube (crimp) and bolt-to-offset bolt (bolt-in) options.
• Select cable limiters are UL® Listed under
   File E90818 for use on 600V circuit for the
   protection of faults up to 200kA.




Similar Part No. - KDU

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
KDU EATON-KDU Datasheet
1Mb / 5P
250 V and 600 V cable limiters
More results


Similar Description - KDU

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600VOLTSAC LITTELFUSE-600VOLTSAC Datasheet
154Kb / 1P
Cable Limiters
LFCL-500-C-1 LITTELFUSE-LFCL-500-C-1 Datasheet
425Kb / 1P
Cable Limiters - 600 Volts AC
logo
Tyco Electronics
2690 MACOM-2690 Datasheet
138Kb / 2P
Coaxial Limiters
logo
M/A-COM Technology Solu...
2690 MA-COM-2690 Datasheet
61Kb / 2P
Coaxial Limiters
logo
Cooper Bussmann, Inc.
KWN-R-1 COOPER-KWN-R-1 Datasheet
1Mb / 4P
250V KWN-R and 600V KWS-R Class RK1 fuses
logo
Ohmite Mfg. Co.
RES-SLIMMOX OHMITE-RES-SLIMMOX Datasheet
439Kb / 5P
Current pulse limiters
logo
List of Unclassifed Man...
KWN-R-1 ETC1-KWN-R-1 Datasheet
1Mb / 4P
250V KWN-R and 600V KWS-R Class RK1 fuses
logo
Eaton All Rights Reserv...
REN EATON-REN Datasheet
615Kb / 5P
REN (250V) and RES (600V) Renewable Class H size fuses
UHA EATON-UHA Datasheet
1Mb / 5P
250 V and 600 V cable limiters
logo
Littelfuse
LFCL0500ZC6 LITTELFUSE-LFCL0500ZC6 Datasheet
650Kb / 3P
LFCL CABLE LIMITERS
Rev: 101017
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com