Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDU Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # KDU
Description  250V and 600V cable limiters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KDU Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  KDU Datasheet HTML 1Page - Cooper Bussmann, Inc. KDU Datasheet HTML 2Page - Cooper Bussmann, Inc. KDU Datasheet HTML 3Page - Cooper Bussmann, Inc. KDU Datasheet HTML 4Page - Cooper Bussmann, Inc. KDU Datasheet HTML 5Page - Cooper Bussmann, Inc. KDU Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Technical Data 1042
Effective December 2015
Cable limiters
Eaton.com/bussmannseries
250V UH Series
Catalog Symbol: UH__
Applications:
•
The 250Vac UH cable limiters are deisnged specifically for use
in residentail applications.
Ratings:
•
Volts: up to 250Vac
•
Interrupting Rating: 100kA, RMS Sym.
Terminals:
•
Center bolt-to-offset bolt — copper or aluminum conductors
Conductors:
•
Copper or aluminum conductors are permitted per the listed
cable size. Select the catalog symbol for the system conductor
size in the table below.
Dimensions - in (mm)
Catalog
symbol
Copper
cable size
Aluminum
cable size
A
1
A
2
B
C
D
E
F
G
H
I
UHA
2/0AWG
4/0AWG
1.06 (27.0)
1.19 (30.2) 1.44 (36.5) 1.00 (25.4) 0.75 (19.0) 0.12 (3.2)
0.56 (14.3) 0.19 (4.8)
0.59 (15.1) 0.41 (10.3)
UHJ-M
3/0AWG
250kcmil
1.53 (38.9) 1.75 (44.4) 1.59 (40.5) 1.50 (38.1) 1.00 (25.4) 0.25 (6.3)
0.87 (22.2) 0.34 (8.6)
0.69 (17.5) 0.56 (14.3)
UHJ-T
350kcmil
500kcmil
1.53 (38.9) 1.75 (44.4) 1.59 (40.5) 1.50 (38.1) 1.00 (25.4) 0.25 (6.3)
0.87 (22.2) 0.34 (8.6)
0.69 (17.5) 0.56 (14.3)
UHJ-W
600kcmil
800kcmil
1.53 (38.9) 1.75 (44.4) 1.59 (40.5) 1.50 (38.1) 1.00 (25.4) 0.25 (6.3)
0.87 (22.2) 0.34 (8.6)
0.69 (17.5) 0.56 (14.3)
C
A1
F
B
A2
E
D
E
I
G
H
Bolt
terminal
detail



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com