Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AL3L66 Datasheet (PDF) - STMicroelectronics

STM8AL3L66 Datasheet PDF - STMicroelectronics
Part # STM8AL3L66
Download  STM8AL3L66 Download
File Size   1716.6 Kbytes
Page   124 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs

STM8AL3L66 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM8AL3L66 Datasheet PDF - STMicroelectronics

Part # STM8AL3L66
Download  STM8AL3L66 Click to download

File Size   1716.6 Kbytes
Page   124 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs

STM8AL3L66 Datasheet (HTML) - STMicroelectronics


STM8AL3L66 Product details

Features
■ AEC-Q100 grade 1 conform qualification
■ Operating conditions – Operating power supply range 1.8 V to 3.6 V (down to 1.65 V at power down) – Temperature range: - 40 °C to 85 or 125 °C
■ Low power features – Five low-power modes: Wait, low-power run (5.1 μA), low-power wait (3 μA), active- halt with full RTC (1.3 μA), halt with PDR (400 nA) – Run from Flash: 195 μA/MHz + 440 μA – Run from RAM: 90 μA/MHz + 400 μA – Ultra-low leakage per I/0: 50 nA – Fast wakeup from Halt: 4.7 µs
■ Advanced STM8 core – Harvard architecture and 3-stage pipeline – Max freq. 16 MHz, 16 CISC MIPS peak – Up to 40 external interrupt sources
■ Reset and supply management – Low power, ultra safe BOR reset with 5 selectable thresholds – Ultra-low power POR/PDR – Programmable voltage detector (PVD)
■ Clock management – 1 to 16 MHz crystal oscillator – 32 kHz crystal oscillator – Internal 16 MHz factory-trimmed RC – Internal 38 kHz low consumption RC – Clock security system
■ Low power RTC – BCD calendar with alarm interrupt – Auto-wakeup from Halt (0.95 ppm resolution) w/ periodic interrupt
■ LCD: up to 4x28 segments w/ step-up converter
■ Memories – Program memory: up to 32 Kbyte Flash program; data retention 20 years at 55 °C – Data memory: up to 1 Kbyte true data EEPROM; endurance 300 kcycle – RAM: up to 2 Kbyte
■ DMA – Four channels; supported peripherals: ADC, DAC, SPI, I2C, USART, timers – One channel for memory-to-memory
■ 12-bit DAC with output buffer
■ 12-bit ADC up to 1 Mbps/25 channels – Temp sensor and internal reference voltage
■ Two ultra-low-power comparators – One with fixed threshold and one rail to rail – Wakeup capability
■ Timers – Two 16-bit timers with two channels (used as IC, OC, PWM), quadrature encoder – One 16-bit advanced control timer with three channels, supporting motor control – One 8-bit timer with 7-bit prescaler – Two watchdogs: one window, one independent – Beeper timer with 1-, 2- or 4 kHz frequencies
■ Communication interfaces – Synchronous serial interface (SPI) – Fast I2C 400 kHz SMBus and PMBus – USART (ISO 7816 interface, IrDA, LIN 1.3, LIN 2.0)
■ Up to 41 I/Os, all mappable on interrupt vectors LQFP32 LQFP48 7 x 7 mm 7 x 7 mm VFQFPN32 5 x 5 mm




Similar Part No. - STM8AL3L66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AL3L88 STMICROELECTRONICS-STM8AL3L88 Datasheet
258Kb / 18P
device limitations
11-Sep-2015
STM8AL3L89 STMICROELECTRONICS-STM8AL3L89 Datasheet
258Kb / 18P
device limitations
11-Sep-2015
STM8AL3L8A STMICROELECTRONICS-STM8AL3L8A Datasheet
258Kb / 18P
device limitations
11-Sep-2015
STM8AL3L8x STMICROELECTRONICS-STM8AL3L8x Datasheet
258Kb / 18P
device limitations
11-Sep-2015
STM8AL3L8x STMICROELECTRONICS-STM8AL3L8x Datasheet
2Mb / 131P
Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
05-Dec-2016
More results


Similar Description - STM8AL3L66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151XX STMICROELECTRONICS-STM8L151XX Datasheet
1Mb / 101P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
10-Sep-2009
STM8L15 STMICROELECTRONICS-STM8L15 Datasheet
2Mb / 122P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
23-Jul-2010
STM8L052C6T6 STMICROELECTRONICS-STM8L052C6T6 Datasheet
1Mb / 102P
Value Line, 8-bit ultralow power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
22-Jun-2012
STM8L052R8T6 STMICROELECTRONICS-STM8L052R8T6 Datasheet
442Kb / 55P
Value Line, 8-bit ultralow power MCU, 64-KB Flash, 256-bytes data EEPROM, RTC, LCD, timers,USART, I2C, SPI, ADC
05-Jun-2012
STM8L151F3P6 STMICROELECTRONICS-STM8L151F3P6 Datasheet
1Mb / 112P
8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
06-Jul-2012
STM8AL31E8X STMICROELECTRONICS-STM8AL31E8X Datasheet
2Mb / 133P
Automotive 8-bit ultra-low-power MCU, 64 KB Flash, EEPROM, RTC, AES, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
05-Dec-2016
STM8AL318X STMICROELECTRONICS-STM8AL318X Datasheet
2Mb / 131P
Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
05-Dec-2016
STM8L051F3 STMICROELECTRONICS-STM8L051F3 Datasheet
1Mb / 96P
8-bit ultra-low-power MCU, 8-Kbyte Flash memory, 256-byte data EEPROM, RTC, timers, USART, I2C, SPI, ADC
September 2018
STM8L052C6 STMICROELECTRONICS-STM8L052C6_V01 Datasheet
1Mb / 103P
Value Line, 8-bit ultra-low-power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
09-Mar-2015
STM8L151C2 STMICROELECTRONICS-STM8L151C2_V01 Datasheet
2Mb / 123P
8-bit ultra-low-power MCU, up to 8 KB Flash, up to 256 bytes data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
July 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com