Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD108 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SD108 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SD108
Download  2SD108 Download
File Size   258.1 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Darlingtion Power Transistor

2SD108 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD108 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SD108
Download  2SD108 Click to download

File Size   258.1 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Darlingtion Power Transistor

2SD108 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SD108 Product details

DESCRIPTION
• High DC current gain- : hFE = 2000 (Min) @ IC = 1A
• Collector-Emitter Sustaining Voltage- : VCEO(SUS)=80V(Min)
• Minimum Lot-to-Lot variations for robust device performance and reliable operation

APPLICATIONS
• Power switching
• Hammer drivers
• Series and shunt regulator
• Audio amplifiers




Similar Part No. - 2SD108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD1083 ETC-2SD1083 Datasheet
56Kb / 1P
SILICON NPN EPITAXIAL PLANAR POWER SWITCHING TV HORIZONTAL DEFLECTION OUTPUT
logo
Toshiba Semiconductor
2SD1087 TOSHIBA-2SD1087 Datasheet
187Kb / 3P
HIGH CURRENT SWITCHING APPLICATIONS.
logo
Mospec Semiconductor
2SD1088 MOSPEC-2SD1088 Datasheet
111Kb / 3P
POWER TRANSISTORS(6A,250V,30W)
logo
Wing Shing Computer Com...
2SD1088 WINGS-2SD1088 Datasheet
62Kb / 1P
SILICON NPN TRIPLE DIFFUSED TRANSISTOR(GENERAL DESCRIPTION)
logo
Inchange Semiconductor ...
2SD1088 ISC-2SD1088 Datasheet
141Kb / 5P
Silicon NPN Power Transistors
More results


Similar Description - 2SD108

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ3042 ISC-MJ3042 Datasheet
211Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
PMD10K60 ISC-PMD10K60 Datasheet
215Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
logo
New Jersey Semi-Conduct...
PMD16K100 NJSEMI-PMD16K100 Datasheet
75Kb / 2P
Silicon NPN Darlingtion Power Transistor
PMD16K80 NJSEMI-PMD16K80 Datasheet
75Kb / 2P
Silicon NPN Darlingtion Power Transistor
PMD16K60 NJSEMI-PMD16K60 Datasheet
74Kb / 2P
Silicon NPN Darlingtion Power Transistor
PMD10K100 NJSEMI-PMD10K100 Datasheet
73Kb / 2P
Silicon NPN Darlingtion Power Transistor
PMD10K80 NJSEMI-PMD10K80 Datasheet
74Kb / 2P
Silicon NPN Darlingtion Power Transistor
PMD10K60 NJSEMI-PMD10K60 Datasheet
73Kb / 2P
Silicon NPN Darlingtion Power Transistor
logo
Inchange Semiconductor ...
2SD469 ISC-2SD469 Datasheet
184Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
2SD506 ISC-2SD506 Datasheet
258Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com